Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4004PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP4004PBF
Description  IRFP4004PBF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4004PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFP4004PBF Datasheet HTML 1Page - International Rectifier IRFP4004PBF Datasheet HTML 2Page - International Rectifier IRFP4004PBF Datasheet HTML 3Page - International Rectifier IRFP4004PBF Datasheet HTML 4Page - International Rectifier IRFP4004PBF Datasheet HTML 5Page - International Rectifier IRFP4004PBF Datasheet HTML 6Page - International Rectifier IRFP4004PBF Datasheet HTML 7Page - International Rectifier IRFP4004PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP4004PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements. Refer to App Notes (AN-1140).
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by T
Jmax, starting TJ = 25°C, L = 0.015mH
RG = 25Ω, IAS = 195A, VGS =10V. Part not recommended for use
above this value.
S
D
G
„ I
SD ≤ 195A, di/dt ≤ 690A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V
(BR)DSS/
∆T
J
Breakdown Voltage Temp. Coefficient
–––
0.035
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.35
1.70
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
290
–––
–––
S
Qg
Total Gate Charge
–––
220
330
nC
Qgs
Gate-to-Source Charge
–––
59
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
75
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
145
–––
RG(int)
Internal Gate Resistance
–––
6.8
–––
td(on)
Turn-On Delay Time
–––
59
–––
ns
tr
Rise Time
–––
370
–––
td(off)
Turn-Off Delay Time
–––
160
–––
tf
Fall Time
–––
190
–––
Ciss
Input Capacitance
–––
8920
–––
pF
Coss
Output Capacitance
–––
2360
–––
Crss
Reverse Transfer Capacitance
–––
930
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
i ––– 2860 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)
h
–––
3110
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
350
c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1390
(Body Diode)
di
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
83
130
ns
TJ = 25°C
VR = 20V,
–––
78
120
TJ = 125°C
IF = 195A
Qrr
Reverse Recovery Charge
–––
190
290
nC
TJ = 25°C
di/dt = 100A/µs
g
–––
210
320
TJ = 125°C
IRRM
Reverse Recovery Current
–––
4.0
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 195A
RG = 2.7
VGS = 10V
g
VDD = 20V
ID = 195A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 195A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 195A
g
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 20V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 32V
i
VGS = 0V, VDS = 0V to 32V
h
Conditions
VDS = 10V, ID = 195A
ID = 195A
VGS = 20V
VGS = -20V


Similar Part No. - IRFP4004PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4004PBF IRF-IRFP4004PBF Datasheet
300Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com