Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3103D2PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRL3103D2PBF
Description  FETKY MOSFET & SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103D2PBF Datasheet(HTML) 1 Page - International Rectifier

  IRL3103D2PBF Datasheet HTML 1Page - International Rectifier IRL3103D2PBF Datasheet HTML 2Page - International Rectifier IRL3103D2PBF Datasheet HTML 3Page - International Rectifier IRL3103D2PBF Datasheet HTML 4Page - International Rectifier IRL3103D2PBF Datasheet HTML 5Page - International Rectifier IRL3103D2PBF Datasheet HTML 6Page - International Rectifier IRL3103D2PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRL3103D2PbF
PD-95435
06/22/04
Description
The FETKY family of copackaged HEXFET power
MOSFETs and Schottky Diodes offer the designer an
innovative board space saving solution for switching
regulator applications. A low on resistance Gen 5
MOSFET with a low forward voltage drop Schottky
diode and minimized component interconnect
inductance and resistance result in maximized
converter efficiencies.
The TO-220 package is universally preferred for all
commercial-industrialapplicationsatpowerdissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
l
Copackaged HEXFET® Power MOSFET
and Schottky Diode
l
Generation 5 Technology
l
Logic Level Gate Drive
l
Minimize Circuit Inductance
l
Ideal For Synchronous Regulator Application
l
Lead-Free
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
54
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
34
A
IDM
Pulsed Drain Current 
220
PD @TA = 25°C
Power Dissipation
2.0
W
PD @TC = 25°C
Power Dissipation
70
W
Linear Derating Factor
0.56
W/°C
VGS
Gate-to-Source Voltage
± 16
V
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 srew10 lbf•in (1.1N•m)
°C
Absolute Maximum Ratings
VDSS = 30V
RDS(on) = 0.014Ω
ID = 54A
FETKYTM MOSFET & SCHOTTKY RECTIFIER
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.8
RθJA
Junction-to-Ambient
–––
62
°C/W
Thermal Resistance
G
D
S
TO-220AB


Similar Part No. - IRL3103D2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103D2 IRF-IRL3103D2 Datasheet
116Kb / 6P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=54A)
More results

Similar Description - IRL3103D2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com