Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007871-CT1ATB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABA-007871-CT1ATB
Description  Transformer 1:1 transmission line balun 5 to 3000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABA-007871-CT1ATB Datasheet(HTML) 1 Page - Tyco Electronics

  MABA-007871-CT1ATB Datasheet HTML 1Page - Tyco Electronics MABA-007871-CT1ATB Datasheet HTML 2Page - Tyco Electronics MABA-007871-CT1ATB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product's or infor-
mation contained herein without notice.
1
Transformer 1:1 transmission line balun
5 to 3000 MHz
M/A-COM Products
Released, Rev. V3
MABA-007871-CT1A40
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Features
Surface Mount
1:1 Impedance
Excellent MoCA band performance
Excellent amplitude and phase balance
Can be used in both 50Ω and 75Ω systems
260°C Reflow Compatible and lead free
RoHS* Compliant
Available on Tape and Reel.
Description
M/A Com’s MABA-007871-CT1A40 is a 1:1 RF
Transmission Line step up transformer in a low cost,
surface mount package. Ideally suited for MoCA
band applications.
Ordering Information
Part Number
Description
MABA-007871-CT1A40
2000 piece reel
MABA-007871-CT1ATB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (Output 1)
2
Not used (Ground)
3
Secondary (Output 2)
4
Primary (Ground)
6
Primary Dot (Input)
* Restrictions on Hazardous Substances, European Union Direc-
tive 2002/95/EC.
Pin Configuration
Case Style: SM-164
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,
except where otherwise stated


Similar Part No. - MABA-007871-CT1ATB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007871-CT1ATB MA-COM-MABA-007871-CT1ATB Datasheet
129Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
More results

Similar Description - MABA-007871-CT1ATB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
   Transformer, 1:1 transmission line balun 5 to 1200 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
   1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
   1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABA-009232-CT4A4B MA-COM-MABA-009232-CT4A4B Datasheet
134Kb / 3P
   Transformer, 4:1 transmission line balun 5 to 1200 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
   1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
   1:1 Transmission line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABA-009092-CT1A40 MA-COM-MABA-009092-CT1A40 Datasheet
137Kb / 3P
   1.33:1 Transmission Line Balun Transformer 5 - 1000 MHz
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760 Datasheet
105Kb / 3P
   1:1 Transmission Line Balun Transformer
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
   Transformer, 1:1 transmission line balun
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com