Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128GA010 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24FJ128GA010
Description  PIC24FJ128GA010 Family Rev. A4 Silicon Errata
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA010 Datasheet(HTML) 5 Page - Microchip Technology

  PIC24FJ128GA010 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2007 Microchip Technology Inc.
DS80330A-page 5
PIC24FJ128GA010
22. Module: I2C™
During I2C Slave mode transactions, the Data/
Address bit, D/A, may not update during the data
frame. This affects both 7 and 10-Bit Addressing
modes.
I2C slave receptions are not affected by this issue.
Work around
Use the Read/Write bit, R/W, and the Transmit
Buffer Full Status Bit, TBF, to determine whether
address or data information is being received.
For more information, see Figure 24-30 and
Figure 24-31 in “Section 24. Inter-Integrated
Circuit™ (I2C™)” (DS39702A).
Date Codes that pertain to this issue:
All engineering and production devices.
23. Module: I2C
When the I2C module is operating in Slave mode,
after the ACKSTAT bit is set when receiving a
NACK from the master, it may be cleared by the
reception of a Start or Stop bit.
Work around
Store the value of the ACKSTAT bit immediately
after receiving a NACK from the master.
Date Codes that pertain to this issue:
All engineering and production devices.
24. Module: UART
When an auto-baud is detected, the receive inter-
rupt may occur twice. The first interrupt occurs at
the beginning of the Start bit and the second after
reception of the Sync field character.
Work around
If a receive interrupt occurs, check the URXDA bit
(UxSTA<0>) to ensure that valid data is available.
On the first interrupt, no data will be present. The
second interrupt will have the Sync field character
(55h) in the receive FIFO.
Date Codes that pertain to this issue:
All engineering and production devices.
25. Module: UART
The auto-baud may miscalculate for certain baud
rates and clock speed combinations, resulting in a
BRG value that is 1 greater or less than the
expected value. When UxBRG is less than 50, this
can result in transmission and reception failures
due to introducing error greater than 1%.
Work around
Test auto-baud calculations at various clock speed
and baud rate combinations that would be used in
applications. If an inaccurate UxBRG value is
generated, manually correct the baud rate in user
code.
Date Codes that pertain to this issue:
All engineering and production devices.
26. Module: UART
When the UART is in 4x mode (BRGH = 1) and
using two Stop bits (STSEL = 1), it may sample the
first Stop bit instead of the second one.
This issue does not affect the other UART
configurations.
Work around
Use the 16x baud rate option (BRGH = 0) and
adjust the baud rate accordingly.
Date Codes that pertain to this issue:
All engineering and production devices.
27. Module: SPI
In SPI Master mode, the Disable SCK Pin bit,
DISSCK, may not disable the SPI clock. As a
result, the PIC® microcontroller must provide the
SPI clock in Master mode.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.


Similar Part No. - PIC24FJ128GA010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
3Mb / 240P
   64/80/100-Pin General Purpose, 16-Bit Flash Microcontrollers
2009
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
More results

Similar Description - PIC24FJ128GA010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
logo
Microchip Technology
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
logo
Motorola, Inc
MPC860UMAD MOTOROLA-MPC860UMAD Datasheet
211Kb / 4P
   Errata to the MPC860 PowerQUICC??Family User?셲 Manual, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com