Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC245BFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74LVC245BFPEL
Description  Octal Bidirectional Transceivers with 3-state Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC245BFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74LVC245BFPEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC245BFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD74LVC245B
Rev.1.00 Aug. 26, 2004 page 3 of 7
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data hold
Supply voltage
VCC
1.65 to 5.5
V
At operation
VI
0 to 5.5
0 to VCC
Output "H" or "L"
Input / output voltage
VO
0 to 5.5
V
Output "Z" or VCC: OFF
Operating temperature
Ta
–40 to 85
°C
–4
VCC = 1.65 V
–8
VCC = 2.3 V
–12
VCC = 2.7 V
IOH
–24
mA
VCC = 3.0 V to 5.5 V
4VCC = 1.65 V
8VCC = 2.3 V
12
VCC = 2.7 V
Output current
IOL
24
mA
VCC = 3.0 V to 5.5 V
20
VCC = 1.65 V to 2.7 V
Input rise / fall time
*1
tr, tf
10
ns/V
VCC = 3.0 V to 5.5 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Max
Unit
Test Conditions
1.65 to 1.95
VCC
×0.65
2.3 to 2.7
1.7
2.7 to 3.6
2.0
VIH
4.5 to 5.5
VCC
×0.7
V
1.65 to 1.95
VCC
×0.35
2.3 to 2.7
0.7
2.7 to 3.6
0.8
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
1.65 to 5.5
VCC –0.2
IOH = –100 µA
1.65
1.2
IOH = –4 mA
2.3
1.7
IOH = –8 mA
2.7
2.2
3.0
2.4
IOH = –12 mA
3.0
2.2
VOH
4.5
3.8
V
IOH = –24 mA
1.65 to 5.5
0.2
IOL = 100 µA
1.65
0.45
IOL = 4 mA
2.3
0.7
IOL = 8 mA
2.7
0.4
IOL = 12 mA
3.0
0.55
Output voltage
VOL
4.5
0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
±5.0
µA
VIN = 5.5 V or GND
Output leak current
IOFF
0—
±5.0
µA
VIN / VOUT = 5.5 V
Off state output
current
IOZ
2.7 to 5.5
±5.0
µA
VIN = VCC, GND,
VOUT = 5.5 V or GND
2.7 to 3.6
±5.0
VIN = 3.6 to 5.5 V
ICC
2.7 to 5.5
5.0
µA
VIN = VCC or GND
Quiescent supply
current
∆ICC
2.7 to 3.6
500
µA
VIN = one input at (VCC –0.6)V,
other inputs at VCC or GND


Similar Part No. - RD74LVC245BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC245BFPEL RENESAS-RD74LVC245BFPEL Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
More results

Similar Description - RD74LVC245BFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com