Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FE427AIPMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FE427AIPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FE427AIPMR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430FE427AIPMR Datasheet HTML 1Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 2Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 3Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 4Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 5Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 6Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 7Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 8Page - Texas Instruments MSP430FE427AIPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MSP430FE42xA
MIXED SIGNAL MICROCONTROLLER
SLAS588 -- FEBRUARY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply-Voltage Range, 2.7 V to 3.6 V
D
Ultra-Low Power Consumption:
-- Active Mode: 400 μAat1MHz, 3.0V
-- Standby Mode: 1.6 μA
-- Off Mode (RAM Retention): 0.1 μA
D
Five Power-Saving Modes
D
Wake-Up From Standby Mode in Less
Than 6 μs
D
Frequency-Locked Loop, FLL+
D
16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
D
Embedded Signal Processing for
Single-Phase Energy Metering With
Integrated Analog Front-End and
Temperature Sensor (ESP430CE1A)
D
16-Bit Timer_A With Three
Capture/Compare Registers
D
Integrated LCD Driver for 128 Segments
D
Serial Communication Interface (USART),
Asynchronous UART or Synchronous SPI
Selectable by Software
D
Brownout Detector
D
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
D
Bootstrap Loader in Flash Devices
D
Family Members Include:
-- MSP430FE423A:
8KB + 256B Flash Memory,
256B RAM
-- MSP430FE425A:
16KB + 256B Flash Memory,
512B RAM
-- MSP430FE427A:
32KB + 256B Flash Memory,
1KB RAM
D
Availablein64-PinQuadFlatPack(QFP)
D
For Complete Module Descriptions, Refer
to the MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430FE42xA series are microcontroller configurations with three independent 16-bit sigma-delta A/D
converters and embedded signal processor core used to measure and calculate single-phase energy in both
2-wire and 3-wire configurations. Also included are a built-in 16-bit timer, 128 LCD segment drive capability, and
14 I/O pins.
Typical applications include 2-wire and 3-wire single-phase metering including tamper-resistant meter
implementations.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright © 2008 Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430FE427AIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FE427AIPMR TI-MSP430FE427AIPMR Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FE427AIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com