Electronic Components Datasheet Search |
|
2254581597 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
2254581597 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 11 page Phycomp Product specification Surface-mount ceramic multilayer capacitors Class 2, Y5V 16/25/50 V 2003 Jul 08 Rev.7 2 www.yageo.com FEATURES • Five standard sizes • High capacitance per unit volume • Supplied in tape on reel • NiSn terminations. APPLICATIONS • Consumer electronics, for example: − Tuners − Television receivers − Video recorders − All types of cameras − Mobile telephones. DESCRIPTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two terminations and finally covered with a layer of plated tin (NiSn). A cross section of the structure is shown in Fig.1. QUICK REFERENCE DATA DESCRIPTION VALUE Rated voltage UR (DC) 16 V, 25 V, 50 V Capacitance range (E6 series) 10 nF to 10 µF; note 1 Tolerance on capacitance ±20% (M); −20% to +80% (Z) Test voltage (DC) for 1 minute: 2.5 × U R Sectional specifications IEC 60384-10, second edition 1989-04 Detailed specification based on IEC 60384-10-1 End terminations NiSn Climatic category (IEC 60068) 30/85/21 Note 1. Measured at 25 °C, 1 V and 1 kHz, using a four-gauge method. MLB457 terminations electrodes ceramic material Fig.1 Construction of a ceramic multilayer capacitor. |
Similar Part No. - 2254581597 |
|
Similar Description - 2254581597 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |