Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACU7503 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ACU7503
Description  second generation highly-integrated digital music system solutions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACU7503 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ACU7503 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 9Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 10Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 11Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 14Page - List of Unclassifed Manufacturers ACU7503 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ACU7503PRODUCT DATASHEET
Copyright © Actions Semiconductor Co., Ltd. 2006. All rights reserved.
Ver 1.3
Page 11
2007-1-22
3
Function Description
3.1
Functional Block Diagram
ZRAM1
MCU
IO Register
(two bank)
IPM/IDM(24-bit)
DSP
PMU
(Power
Management
Unit)
USB
FLASH
ADC
DAC
I2C
GPIO
DMA Controller
&Arbiter
CMU(Clock)
Supply
Monitor
Charger
EM
NAND Chip
MMC/SDC
DMA BUS(Peripheral DMA
path)
MCU BUS
(include DMA1/2 path)
3.2
MCU Core
ACU7503 has 126K+192 bytes on-chip SRAM and 50K bytes on-chip ROM.


Similar Part No. - ACU7503

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
   CATV/TV Cable modem Upconverter MMIC
ACU2109S3C ANADIGICS-ACU2109S3C Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3CTR ANADIGICS-ACU2109S3CTR Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
ACU2109S3GP0 ANADIGICS-ACU2109S3GP0 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
More results

Similar Description - ACU7503

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9753 ATMEL-ATSAM9753 Datasheet
181Kb / 23P
   Integrated Digital Music Instrument
logo
List of Unclassifed Man...
SAM2653 ETC1-SAM2653 Datasheet
299Kb / 23P
   INTEGRATED DIGITAL MUSIC INSTRUMENT
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320C25FNL50 TI-TMS320C25FNL50 Datasheet
555Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI1-TMS320_13 Datasheet
544Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
SSM2045 ETC-SSM2045 Datasheet
277Kb / 7P
   MUSIC VOICING SYSTEM
SSM2045 ETC-SSM2045 Datasheet
675Kb / 8P
   MUSIC VOICING SYSTEM
logo
Shanghai awinic technol...
AW8739 AWINIC-AW8739 Datasheet
1Mb / 39P
   7.5 V, major, low tone, 2 - 1, TLTR-AGC second generation Smart K music
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
List of Unclassifed Man...
SAM2655 ETC1-SAM2655 Datasheet
353Kb / 26P
   INTEGRATED DIGITAL MUSIC INSTRUMENT WITH BUILT-IN CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com