Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10MQ040N Datasheet(PDF) 3 Page - International Rectifier

Part # 10MQ040N
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10MQ040N Datasheet(HTML) 3 Page - International Rectifier

  10MQ040N Datasheet HTML 1Page - International Rectifier 10MQ040N Datasheet HTML 2Page - International Rectifier 10MQ040N Datasheet HTML 3Page - International Rectifier 10MQ040N Datasheet HTML 4Page - International Rectifier 10MQ040N Datasheet HTML 5Page - International Rectifier 10MQ040N Datasheet HTML 6Page - International Rectifier 10MQ040N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
10MQ040N
Bulletin PD-20518 rev. N 0
7/04
3
www.irf.com
Fig. 2 - Typical Peak Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
R
125°C
100°C
75°C
50°C
25°C
T = 150°C
J
Reverse Voltage - V (V)
10
100
0
5
10
15
20
25
30
35
40
T = 25°C
J
R
Reverse Voltage - V (V)
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
Forward Voltage Drop - V
FM (V)


Similar Part No. - 10MQ040N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10MQ040N MICROSEMI-10MQ040N Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
logo
International Rectifier
10MQ040N IRF-10MQ040N Datasheet
163Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10MQ040N VISHAY-10MQ040N Datasheet
104Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
logo
Sangdest Microelectroni...
10MQ040N SMC-10MQ040N Datasheet
181Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10MQ040N SMCDIODE-10MQ040N Datasheet
290Kb / 4P
   10MQ040N SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 10MQ040N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com