Electronic Components Datasheet Search |
|
KHAU-17A13-120 Datasheet(PDF) 4 Page - Tyco Electronics |
|
KHAU-17A13-120 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 4 page All sockets are normally maintained in stock for immediate delivery. For KHAU, KHAX, KHS Relays. Relays wilth solder terminals are required for use with sockets. Printed Circuit Terminals With Grounding Lug Caution: Printed circuit sockets are manufactured with "floating" (Loose) terminals. This permits them to align with holes in the circuit board and with the relay terminals. During the mounting and soldering of the socket, vertical float should be eliminated and the terminals seated on the board. (This may be accomplished by inserting a dummy relay in the socket.) Failure to eliminate float may cause fracture of the solder joint or separation of the copper conductor from the printed circuit board when a relay is inserted in the socket after soldering. .061 (1.55) GROUND LUG .171 (4.34) .218 ± .016 (5.54 ± 0.41) .061 (1.55) .171 (4.34) .218 ± .016 (5.54 ± 0.41) .25 (6.4) 1.388 (35.26) .629 (15.98) 1.388 (35.26) .090 R. (2.29) 1.323 (33.60) .617 (15.67) 1.750 (44.45) 1.015 (25.78) .32 (8.1) .090 (2.29) .180 (4.57) .16 (4.1) .429 (10.90) .065 (1.65) .858 (21.79) .13 (3.3) Sockets For KHA And KHS Series Mounting Strip 37D633 Pierced Solder Terminals .105 (2.67) GROUND LUG .052 ± .010 (1.32 ± 0.25) .125 ± .010 (3.18 ± 0.25) 37D633 will mount eight solder terminal sockets in one length of aluminum strip measuring 10.97" x 2.25" x .062 (278.6 x 57.15 x 1.57) Screw Terminal Socket 27E166 Screw Terminal DIN Rail, Relays with solder terminals are required for use Snap-Mount Socket 27E894 with screw terminal sockets. (Use with mounting track 24A110) 2.363 MAX. (60.02) .94 (23.88) 1.18 (30.0) .47 (11.93) .140 TYP. (3.56) .800 MAX. (20.32) .446 REF. (11.33) 1.22 MAX. (30.99) .210 TYP. (5.33) # 4-40 SCREWS & CAPTIVE WASHERS .600 (15.24) 27E894 Terminal Location Top View Hold Down Spring 20C217 Without Grounding Lug 4-Pole Socket 8 7 6 5 4 3 2 1 12 11 10 9 14 G 13 27E166 Terminal Location .850 (21.59) 1.150 (29.21) 1.07 (2.72) .310 (7.87) .068 (1.73) .183 (4.65) .012 (0.30) .440 (11.18) Recommended Chassis Thickness .031 (.79) to .062 (1.57) Socket punch Greenlee part 5015115.0, Type 731R available from Greenlee Tool Co., Rockford, Illinois. (4-pole) 1.015 (25.78) .858 (21.79) Recommended Chassis Cutouts For Mounting Sockets Socket Description Industrial No. of Terminal Grounding Socket Part No. Poles and Length Provision Material 27E006* 4 Solder .375" Yes Nylon (9.53mm) 27E007* 4 P.C. .218" Yes Nylon (5.54mm) 27E023* 4 P.C. .218" No Nylon 27E220* 2 (5.54mm) 27E166** 4 Screw Yes Glass-filled Polyester 27E894** 4 Screw No Glass-filled Polyester 20C217 Relay Hold Down Spring 20C297 Relay Hold Down Spring (use with 27E166 & 27E894) * UL Recognized, file E22575 ** UL Recognized, file E59244 Specifications and availability subject to change without notice. 13C5420 Printed in U.S.A. IH/3-00 1.181 (30.00) .236 (5.99) M3 SCREWS & CAPTIVE WASHERS .709 (18.01) .165 (4.19) 1.771 (44.98) 2.441 (62.00) 1.024 (26.01) .984 (24.99) .118 (3.00) .728 (18.49) 8 7 43 6 5 21 14 13 11 10 12 9 Top View Tyco Electronics Corporation - P&B, Winston-Salem, NC 27102 Technical Support Center: 1-800-522-6752, www.pandbrelays.com |
Similar Part No. - KHAU-17A13-120 |
|
Similar Description - KHAU-17A13-120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |