Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN140A08 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN140A08
Description  140MHz SAW Filter 10MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A08 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN140A08 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A08 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A08 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN140A08
Rev. Date
2008-03-06
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN140A08
Features
For IF SAW filter
High attenuation
Single-ended operationLBN140
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.85
140
140.15
Insertion Loss
dB
-
26
29
3 dB Bandwidth
MHz
9.75
9.81
-
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3.6
4
f0±5.3MHz
dB
35
40
-
f0±5.5MHz
dB
45
55
-
f0±5.9MHz
dB
50
58
-
Ultimate Rejection
f0±9.9MHz
dB
55
60
-
Material Temperature coefficient
KHz/°C
-13.16
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN140A08

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A08 SIPAT-LBN140A08 Datasheet
130Kb / 3P
   140MHz SAW Filter
More results

Similar Description - LBN140A08

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14071 SIPAT-LBN14071 Datasheet
284Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
290Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LB140DS10 SIPAT-LB140DS10 Datasheet
288Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN140A49 SIPAT-LBN140A49 Datasheet
195Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14082 SIPAT-LBT14082 Datasheet
274Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14082 SIPAT-LBT14082 Datasheet
144Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN140A53 SIPAT-LBN140A53 Datasheet
187Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
280Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT11803 SIPAT-LBT11803 Datasheet
140Kb / 3P
   117.5MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com