Electronic Components Datasheet Search |
|
KHS-17D12-12 Datasheet(PDF) 1 Page - Tyco Electronics |
|
KHS-17D12-12 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page Coil Data @ 25 °C Voltage: From 6 to 120VDC, and 6 to 240VAC, 50/60 Hz. Nom. Power: DC coils - 0.9 watt; 0.5 watt minimum operate @ 25 °C. AC coils - 1.2 VA; 0.55 VA minimum operate @ 25 °C. Max. Power: DC coils - 2.0 watts @ 25 °C. Duty Cycle: Continuous. Initial Breakdown Voltage: 500V rms, 60 Hz. Operate Data @ 25 °C Must-Operate Voltage: DC: 75% of nominal voltage. AC: 85% of nominal voltage. Operate Time: 13 milliseconds typical @ nominal voltage (excluding bounce). Release Time: 6 milliseconds typical @ nominal voltage (excluding bounce). Environmental Data Temperature Range: -45 °C to +70°C operate. -60 °C to +130°C storage. Mechanical Data Mountings: #3-48 stud, sockets with printed circuit or solder terminals, or bracket plate with #6-32 threaded stud. Termination: Printed circuit or solder/socket terminals. Printed circuit terminals are available for KHS on a special order basis. Enclosures: See Ordering Information table. Weight: 1.6 oz. approx. (45g). File E22575 File LR15734 KHA series General Purpose Dry Circuit to 5A Multicontact AC or DC Relay KHS KHAU Features • Miniature size from 2 pole to 4 pole. • KHAU is produced on an automated line, while KHU is produced manually. Form, fit and function of the two versions are identical. • KHS hermetically sealed version UL Approved for Class 1 Division 2 hazardous locations. • Various applications include process control, photocopier, and data processing. • Push-to-test and inidcator options available. • Various contact materials available for specific load requirements. Contact Data @ 25 °C Arrangements: 2 Form C (DPDT), 4 Form C (4PDT). Expected Life: 10 million operations, mechanical; 100,000 operations min. at rated loads. Ratings are based on tests of relays with ungrounded frames. Initial Breakdown Voltage: 500V rms, 60 Hz., between open contacts. 1240V rms, 60 Hz., between all other elements. Contact Ratings Resistive Rating Minimum Maximum 1 Silver 100mA @ 3A @ 12VAC/12VDC 120VAC/28VDC 2* Silver-cadmium 500mA @ 5A @ oxide 12VAC/12VDC 120VAC/28VDC 3 Gold-silver-nickel 10mA @ 2A @ 12VAC/12VDC 120VAC/28VDC 6 Bifurcated cross bar, Dry circuit 1A @ gold overlay silver 120VAC/28VDC 8 Gold diffused silver 50mA @ 3A @ 12VAC/12VDC 120VAC/28VDC Note: Relays should only carry a maximum of 15 amps continuously for all poles combined. KHS Contact Ratings Class I Division II Hazardous Location: 5A@28VDC/120VAC UL 508 (Industrial Control): 3A@28VDC/120VAC; 1/10 HP @ 120VAC. Contact Code Material Coil Data DC Coils AC Coils Resistance Nominal Resistance Nominal Nominal in Ohms Inductance in Ohms AC Current Voltage ±10% @ in Henrys ±15% in mA 250C 5 32 .072 — — 6 40 .08 10.5 200 12 160 .28 43 100 24 650 1.0 160 52 48 2,600 4.5 668 25 110 * 11,000 17.0 — — 120 * — — 3,900 11.0 240 — — 12,000 6.0 *Note: For 220 and 240VDC, use series dropping 5W resistor of 11,000 Ω. |
Similar Part No. - KHS-17D12-12 |
|
Similar Description - KHS-17D12-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |