Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2238910198 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2238910198
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2238910198 Datasheet(HTML) 2 Page - NXP Semiconductors

  2238910198 Datasheet HTML 1Page - NXP Semiconductors 2238910198 Datasheet HTML 2Page - NXP Semiconductors 2238910198 Datasheet HTML 3Page - NXP Semiconductors 2238910198 Datasheet HTML 4Page - NXP Semiconductors 2238910198 Datasheet HTML 5Page - NXP Semiconductors 2238910198 Datasheet HTML 6Page - NXP Semiconductors 2238910198 Datasheet HTML 7Page - NXP Semiconductors 2238910198 Datasheet HTML 8Page - NXP Semiconductors 2238910198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
2
www.yageo.com
FEATURES
• Five standard sizes
• High capacitance per unit volume
• Supplied in tape on reel
• NiSn terminations.
APPLICATIONS
• Consumer electronics, for
example:
− Tuners
− Television receivers
− Video recorders
− All types of cameras
− Mobile telephones.
DESCRIPTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes are
contained. This structure gives rise
to a high capacitance per unit
volume.
The inner electrodes are connected
to the two terminations and finally
covered with a layer of plated tin
(NiSn). A cross section of the
structure is shown in Fig.1.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Rated voltage UR (DC)
16 V, 25 V, 50 V
Capacitance range (E6 series)
10 nF to 10
µF; note 1
Tolerance on capacitance
±20% (M); −20% to +80% (Z)
Test voltage (DC) for 1 minute:
2.5
× U
R
Sectional specifications
IEC 60384-10, second edition 1989-04
Detailed specification
based on IEC 60384-10-1
End terminations
NiSn
Climatic category (IEC 60068)
30/85/21
Note
1.
Measured at 25
°C, 1 V and 1 kHz, using a four-gauge method.
MLB457
terminations
electrodes
ceramic material
Fig.1
Construction of a ceramic multilayer capacitor.


Similar Part No. - 2238910198

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
22389 WINCHESTER-22389 Datasheet
441Kb / 1P
   OUTLINE & USAGE
logo
NXP Semiconductors
223893111447 PHILIPS-223893111447 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
223893111461 PHILIPS-223893111461 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
223893111547 PHILIPS-223893111547 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
223893111561 PHILIPS-223893111561 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
More results

Similar Description - 2238910198

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com