Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1895-03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1895-03
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1895-03 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1895-03 Datasheet HTML 1Page - STMicroelectronics SD1895-03 Datasheet HTML 2Page - STMicroelectronics SD1895-03 Datasheet HTML 3Page - STMicroelectronics SD1895-03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 1.65 GHz
PIN
= 2.4 W
VCE
= 28 V
20
W
GP
f
= 1.65 GHz
PIN
= 2.4 W
VCE
= 28 V
9.2
dB
ηcf = 1.65 GHz
PIN
= 2.4 W
VCE
= 28 V
48
%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 5mA
IE
= 0mA
45
V
BVCEO
IC
= 5mA
IB
= 0mA
12
V
BVEBO
IE
= 5mA
IC
= 0 mA
3.0
V
hFE
VCE
= 5V
IC
= 1A
15
150
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
1.65 GHz
17.0 + j 18.0
3.5
− j2.0
SD1895-03
2/4


Similar Part No. - SD1895-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
logo
Semicoa Semiconductor
SD1893 SEMICOA-SD1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
logo
Semicoa Semiconductor
SD1893F SEMICOA-SD1893F Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
More results

Similar Description - SD1895-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
   10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
   TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com