Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF40107BM1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF40107BM1
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40107BM1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF40107BM1 Datasheet HTML 3Page - STMicroelectronics HCF40107BM1 Datasheet HTML 4Page - STMicroelectronics HCF40107BM1 Datasheet HTML 5Page - STMicroelectronics HCF40107BM1 Datasheet HTML 6Page - STMicroelectronics HCF40107BM1 Datasheet HTML 7Page - STMicroelectronics HCF40107BM1 Datasheet HTML 8Page - STMicroelectronics HCF40107BM1 Datasheet HTML 9Page - STMicroelectronics HCF40107BM1 Datasheet HTML 10Page - STMicroelectronics HCF40107BM1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HCF40107B
7/11
Motor-controller Circuit
Led Driver Circuit
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
A
B
MOTOR FUNCTION
LL
OFF
H
L
COUNTER CLOCKWISE
H
H
AS PREVIOUS STATE
L
H
CLOCKWISE
H
H
AS PREVIOUS STATE
INHIBIT
ENABLE
OUTPUT
L
L
OFF
H
L
OFF
L
H
OFF
LH
ON


Similar Part No. - HCF40107BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40107BM1 STMICROELECTRONICS-HCF40107BM1 Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
More results

Similar Description - HCF40107BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
   CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
Motorola, Inc
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com