Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2900E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM2900E
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM2900E Datasheet HTML 1Page - Burr-Brown (TI) PCM2900E Datasheet HTML 2Page - Burr-Brown (TI) PCM2900E Datasheet HTML 3Page - Burr-Brown (TI) PCM2900E Datasheet HTML 4Page - Burr-Brown (TI) PCM2900E Datasheet HTML 5Page - Burr-Brown (TI) PCM2900E Datasheet HTML 6Page - Burr-Brown (TI) PCM2900E Datasheet HTML 7Page - Burr-Brown (TI) PCM2900E Datasheet HTML 8Page - Burr-Brown (TI) PCM2900E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2900
PCM2902
SLES035E – MARCH 2007 – REVISED MARCH 2008
STEREO AUDIO CODEC WITH USB INTERFACE,
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Pass-Band Ripple = ±0.1 dB
234
• PCM2900: Without S/PDIF
Stop-Band Attenuation = –43 dB
• PCM2902: With S/PDIF
Single-Ended Voltage Output
• On-Chip USB Interface:
Analog LPF Included
With Full-Speed Transceivers
• Multifunctions:
Fully Compliant With USB 1.1 Specification
Human Interface Device (HID) Volume ±
Control and Mute Control
Certified by USB-IF
Suspend Flag
Partially Programmable Descriptors (1)
• Package: 28-Pin SSOP
USB Adaptive Mode for Playback
USB Asynchronous Mode for Record
Bus Powered
• USB Audio Speaker
• 16-Bit Delta-Sigma ADC and DAC
• USB Headset
• Sampling Rate:
• USB Monitor
DAC: 32, 44.1, 48 kHz
• USB Audio Interface Box
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
• On-Chip Clock Generator With Single 12-MHz
Clock Source
The PCM2900/2902 is Texas Instruments' single-chip
• Single Power Supply: 5 V Typical (V
BUS)
USB
stereo
audio
codec
with
USB-compliant
full-speed
protocol
controller
and
S/PDIF
(only
• Stereo ADC
PCM2902). The USB protocol controller works with
Analog Performance at VBUS = 5 V
no software code, but the USB descriptors can be
THD+N = 0.01%
modified in some areas (e.g., vendor ID/product ID).
The PCM2900/2902 employs SpAct™ architecture,
SNR = 89 dB
TI's unique system that recovers the audio clock from
Dynamic Range = 89 dB
USB packet data. On-chip analog PLLs with SpAct
Decimation Digital Filter
architecture enable playback and record with low
clock jitter and with independent playback and record
Pass-Band Ripple = ±0.05 dB
sampling rates.
Stop-Band Attenuation = 65 dB
Single-Ended Voltage Input
Antialiasing Filter Included
Digital LCF Included
• Stereo DAC
Analog Performance at VBUS = 5 V
THD+N = 0.005%
SNR = 96 dB
Dynamic Range = 93 dB
Oversampling Digital Filter
(1)
The descriptor can be modified by changing a mask.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2900E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900E TI-PCM2900E Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900E BURR-BROWN-PCM2900E Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900E TI1-PCM2900E Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900E/2K TI-PCM2900E/2K Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900E/2K BURR-BROWN-PCM2900E/2K Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com