Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1408-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS1408-EP
Description  14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1408-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1408-EP Datasheet HTML 2Page - Texas Instruments THS1408-EP Datasheet HTML 3Page - Texas Instruments THS1408-EP Datasheet HTML 4Page - Texas Instruments THS1408-EP Datasheet HTML 5Page - Texas Instruments THS1408-EP Datasheet HTML 6Page - Texas Instruments THS1408-EP Datasheet HTML 7Page - Texas Instruments THS1408-EP Datasheet HTML 8Page - Texas Instruments THS1408-EP Datasheet HTML 9Page - Texas Instruments THS1408-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
THS1401-EP THS1403-EP THS1408-EP
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
WITH INTERNAL REFERENCE AND PGA
SGLS129A – JULY 2002 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
AVDD = DVDD = 3.3 V (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VBG
Bandgap voltage, internal mode
1.425
1.5
1.575
V
VBG
Input impedance
40
k
Positive reference voltage, REF+
2.5
V
Negative reference voltage, REF–
0.5
V
Reference difference,
∆REF, REF+ – REF–
2
V
Accuracy, internal reference
5%
Temperature coefficient
40
ppm/
°C
Voltage coefficient
200
ppm/V
Analog Inputs
Positive analog input, IN+
0
AVDD
V
Negative analog input, IN–
0
AVDD
V
Analog input voltage difference
∆Ain = IN+ – IN–, Vref = REF+ – REF–
–Vref
Vref
V
Input impedance
25
k
PGA range
0
7
dB
PGA step size
1
dB
PGA gain error
±0.25
dB
Digital Inputs
VIH
High-level digital input
2
V
VIL
Low-level digital input
0.8
V
Input capacitance
5
pF
Input current
±1
µA
Digital Outputs
VOH
High-level digital output
IOH = 50 µA
2.6
V
VOL
Low-level digital output
IOL = 50 µA
0.4
V
IOZ
Output current, high impedance
±10
µA
Clock Timing (CS low)
THS1401
0.1†
1
1
MHz
fCLK
Clock frequency
THS1403
0.1†
3
3
MHz
THS1408
0.1†
8
8
MHz
td
Output delay time
25
ns
Latency
9.5
Cycles
† This parameter is not production tested.


Similar Part No. - THS1408-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1408-EP TI1-THS1408-EP Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1408-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Burr-Brown (TI)
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com