Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1898 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1898
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1898 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1898 Datasheet HTML 1Page - STMicroelectronics SD1898 Datasheet HTML 2Page - STMicroelectronics SD1898 Datasheet HTML 3Page - STMicroelectronics SD1898 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE MECHANICAL DATA
Ref.: Dwg. No.12-0186
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectonics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
SD1898
4/4


Similar Part No. - SD1898

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
logo
Semicoa Semiconductor
SD1893 SEMICOA-SD1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
logo
Semicoa Semiconductor
SD1893F SEMICOA-SD1893F Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
logo
STMicroelectronics
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
More results

Similar Description - SD1898

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1891-03 STMICROELECTRONICS-SD1891-03 Datasheet
66Kb / 5P
   RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
   RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
   10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
   TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com