Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT32 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT32_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT32_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS (1)
Parameter
Rating
Unit
VIN, LED, SHDN
¯¯¯¯¯ voltage
8
V
SW voltage
20
V
RSET voltage
1
V
Storage Temperature Range
-65 to +150
ºC
Junction Temperature
125
ºC
Lead Soldering Temperature (10 secs)
300
ºC
ESD Rating – Human Body Model
2000
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2 to 7
V
Ambient Temperature Range
-40 to +85
ºC
Inductor L1
6.8 ±20% typical
µH
Input Capacitor C1
4.7 ±20% typical
µF
Output Capacitor C2
1.0 ±20% typical
µF
ILED with 1 to 4 LEDs in series
0 to 20
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise specified. TA = 25ºC, VIN = 2V and V SHDN
¯¯¯¯¯ = 1.2V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
VRSET = 0.2V
0.5
0.7
mA
IGND
Ground Current in Shutdown
VSHDN
¯¯¯¯¯ = 0V
0.05
1
µA
VLED
LED Pin Voltage
VIN < VOUT, ILED =15mA
120
180
mV
ILED
LED Current Adjust Range
5
40
mA
RSET = 562Ω
33
38
45
RSET = 750Ω
25
30
36
RSET = 1.5kΩ
12.5
15
17.5
ILED
Programmed LED Current
RSET = 4.53kΩ
5
mA
ILED
LED Pin Current Temperature Coefficient
ILED = 15mA
-0.01
mA/°C
VRSET
RSET Pin Voltage
RSET = 1.5kΩ
100
mV
Shutdown Pin Logic High Level
0.85
V
Shutdown Pin Logic Low Level
0.25
V
fSW
Boost Converter Frequency
0.8
1.2
1.6
MHz
ISWL
Switch Current Limit
400
550
780
mA
VIN = 2V, ISW = 100mA
0.7
1.2
RSW
Switch Resistance
VIN = 3V, ISW = 100mA
0.5
0.9
Switch Leakage Current
Switch Off, VSW = 5V
0.01
5
µA
Efficiency
Components shown on
Figure 1
83
%
Notes:
(1) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods
may affect device reliability. All voltages are with respect to ground.


Similar Part No. - CAT32_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
228Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
More results

Similar Description - CAT32_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com