Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD-520L Datasheet(PDF) 2 Page - OptoDiode Corp

Part # OD-520L
Description  HIGH OUTPUT GREEN LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-520L Datasheet(HTML) 2 Page - OptoDiode Corp

  OD-520L Datasheet HTML 1Page - OptoDiode Corp OD-520L Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH OUTPUT GREEN LED
OD-520L
POWER OUTPUT vs TEMPERATURE
AMBIENT TEMPERATURE (°C)
–40 –30
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
–20 –10 0 10 20 30 40 50 60 70 80 90 100
RADIATION PATTERN
BEAM ANGLE, (deg)
–25
100
80
60
40
20
0
–20 –15 –10 –5
0
5
10
15
20
25
SPECTRAL OUTPUT
WAVELENGTH, (nm)
470 480 490 500 510 520 530 540 550 560 570
100
80
90
60
70
40
50
20
10
30
0
THERMAL DERATING CURVE
AMBIENT TEMPERATURE (°C)
25
50
75
100
1,000
500
400
300
200
100
0
1,100
1,200
1,300
900
800
700
600
NO
HEAT SINK
INFINITE
HEAT SINK


Similar Part No. - OD-520L

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-520 OPTODIODE-OD-520 Datasheet
309Kb / 2P
   HIGH OUTPUT GREEN LED
More results

Similar Description - OD-520L

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-520 OPTODIODE-OD-520 Datasheet
309Kb / 2P
   HIGH OUTPUT GREEN LED
logo
Hamamatsu Corporation
L3882 HAMAMATSU-L3882 Datasheet
144Kb / 4P
   High output red LED
logo
OptoDiode Corp
OD-469L OPTODIODE-OD-469L_13 Datasheet
203Kb / 2P
   HIGH OUTPUT BLUE LED
OD624L OPTODIODE-OD624L Datasheet
203Kb / 2P
   HIGH OUTPUT RED LED
OD-469L OPTODIODE-OD-469L_18 Datasheet
125Kb / 3P
   High Output Blue LED
OD-469L OPTODIODE-OD-469L Datasheet
226Kb / 2P
   HIGH OUTPUT BLUE LED
OD-624L OPTODIODE-OD-624L Datasheet
227Kb / 2P
   HIGH OUTPUT RED LED
OD-620L OPTODIODE-OD-620L Datasheet
354Kb / 2P
   HIGH OUTPUT RED LED
OD-620 OPTODIODE-OD-620 Datasheet
298Kb / 2P
   HIGH OUTPUT RED LED
OD-624L OPTODIODE-OD-624L_18 Datasheet
123Kb / 3P
   High Output Red LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com