Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR15UG082JTB0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MOR15UG082JTB0
Description  Metal Oxide Film Fixed Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR15UG082JTB0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MOR15UG082JTB0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR15UG082JTB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR15UG082JTB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Standard Color Code System
1 2 3 4 5
3
rd Band
Black
= Multiply by 1 (10
0)
Brown
= Multiply by 10 (10
1)
Red
= Multiply by 100 (10
2)
Orange
= Multiply by 1,000 (10
3)
Yellow
= Multiply by 10,000 (10
4)
Green
= Multiply by 100,000 (10
5)
Blue
= Multiply by 1,000,000 (10
6)
V
= Multiply by 10,000,000 (10
7)
Gold
= Multiply by 0.1 (10
-1)
Silver
= Multiply by 0.01 (10
-2)
2
nd Band
Black
= 0
Brown
= 1
Red
= 2
Orange
= 3
Yellow
= 4
Green
= 5
Blue
= 6
Violet
= 7
Grey
= 8
White
= 9
1
st Band
Black
= 0
Brown
= 1
Red
= 2
Orange
= 3
Yellow
= 4
Green
= 5
Blue
= 6
Violet
= 7
Grey
= 8
White
= 9
1
st Band
Black
= 0
Brown
= 1
Red
= 2
Orange
= 3
Yellow
= 4
Green
= 5
Blue
= 6
Violet
= 7
Grey
= 8
White
= 9
2
nd Band
Black
= 0
Brown
= 1
Red
= 2
Orange
= 3
Yellow
= 4
Green
= 5
Blue
= 6
Violet
= 7
Grey
= 8
White
= 9
4
th Band
Black
= Multiply by 1 (100)
Brown
= Multiply by 10 (101)
Red
= Multiply by 100 (102)
Orange
= Multiply by 1,000 (103)
Yellow
= Multiply by 10,000 (104)
Green
= Multiply by 100,000 (105)
Blue
= Multiply by 1,000,000 (106)
Violet
= Multiply by 10,000,000 (107)
= Multiply by 0.1 (10-1)
Silver
= Multiply by 0.01 (10-2)
3
rd Band
Black
= 0
Brown
= 1
Red
= 2
Orange
= 3
Yellow
= 4
Green
= 5
Blue
= 6
Violet
= 7
Grey
= 8
White
= 9
1 2 3 4
5
th Band
Violet
= ±0.1%
Blue
= ±0.25%
Green
= ±0.5%
Brown
= ±1%
4
th Band
= ±2%
= ±5%
Silver
= ±10%
Four Band Color Code (Available for CFR, MOR, KNP & 2% or 5% of MFR Products)
Five Band Color Code (Available for MFR 1% & FRN Products)
UniOhm


Similar Part No. - MOR15UG082JTB0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
MOR1W ABCO-MOR1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
More results

Similar Description - MOR15UG082JTB0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com