Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2904 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2904
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2904 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2904 Datasheet HTML 1Page - STMicroelectronics SD2904 Datasheet HTML 2Page - STMicroelectronics SD2904 Datasheet HTML 3Page - STMicroelectronics SD2904 Datasheet HTML 4Page - STMicroelectronics SD2904 Datasheet HTML 5Page - STMicroelectronics SD2904 Datasheet HTML 6Page - STMicroelectronics SD2904 Datasheet HTML 7Page - STMicroelectronics SD2904 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
13
18
23
28
0
10
20
30
40
50
VDD, SUPPLY VOLTAGE (VOLTS)
Pin = 4.8 W
Pin = 2.4 W
Pin = 1.2 W
IDQ = 5 0 mA
f = 40 0 MHz
GC82 54 0
Output Power vs Input Power
0
123
4
0
10
20
30
40
Pin, INPUT POWER (W)
Vd d = 2 8 V
Tc= 2 5
°C
f = 40 0 MHz
IDQ = 5 0 mA
GC82 52 0
Vdd = 1 3.5 V
Output Power vs Input Power
0
1
234
0
10
20
30
40
50
Pin, INPUT POWER (W)
T = -20ºC
T = 25º C
T = 80ºC
IDQ = 50 mA
VDD = 28 V
f = 400 MHz
GC8 253 0
Output Power vs Voltage Supply
Output Power vs Gate Voltage
-6
-4
-2
0
2
4
6
0
10
20
30
40
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDD = 28 V
IDQ = 50 mA
f = 400 MHz
Pi n = Co ns tant
T= 80
°C
T = -20
°C
T= 25
°C
GC825 50
Power Gain vs Output Power
1
6
11
16
21
26
31
36
41
10
11
12
13
14
Pout, OUTPUT POWER (W)
f = 40 0 MHz
VDD = 28 V
IDQ = 50 mA
GC8 25 60
Efficiency vs Output Power
1
6
11
16
21
26
31
36
41
0
20
40
60
80
Pout, OUTPUT POWER (W)
f = 400 MHz
VDD = 28 V
IDQ = 50 mA
GC825 7 0
TYPICAL PERFORMANCE
SD2904
4/8


Similar Part No. - SD2904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2904 ETC1-SD2904 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Semicoa Semiconductor
SD2904A SEMICOA-SD2904A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
SD2904AF SEMICOA-SD2904AF Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
More results

Similar Description - SD2904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com