Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT825MTDI-G Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT825MTDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT825MTDI-G Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT825MTDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT825MTDI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Supply Voltage
6
V
All other pins
-0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current RST, RST
¯¯¯¯
20
mA
Continuous Power Dissipations (TA = +70ºC)
SC-70 5-lead (derate 3.1mW/ºC above +70ºC)
247
mW
TSOT-23 5-lead (derate 7.1mW/ºC above +70ºC)
571
mW
Storage Temperature
-65 to 150
ºC
Operating Ambient Temperature
-40 to +85
ºC
Lead Soldering (10 seconds max)
+300
ºC
ESD Rating: Low Voltage Pins
Human Body Model
2000
V
Machine Model
200
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VCC (TA = 0ºC to +70ºC)
1.0 to 5.5
V
VCC (TA = -40ºC to +85ºC)
1.2 to 5.5
V
All Other Pins
-0.1 to (VCC + 0.1)
V
Ambient Temperature
-40 to +85
ºC
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.


Similar Part No. - CAT825MTDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT825MTDI-G CATALYST-CAT825MTDI-G Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT825MTDI-GT3 ONSEMI-CAT825MTDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT825MTDI-GT3 ONSEMI-CAT825MTDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT825MTDI-GT3 ONSEMI-CAT825MTDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT825MTDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com