Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2254787598 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 2254787598
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2254787598 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 2254787598 Datasheet HTML 3Page - NXP Semiconductors 2254787598 Datasheet HTML 4Page - NXP Semiconductors 2254787598 Datasheet HTML 5Page - NXP Semiconductors 2254787598 Datasheet HTML 6Page - NXP Semiconductors 2254787598 Datasheet HTML 7Page - NXP Semiconductors 2254787598 Datasheet HTML 8Page - NXP Semiconductors 2254787598 Datasheet HTML 9Page - NXP Semiconductors 2254787598 Datasheet HTML 10Page - NXP Semiconductors 2254787598 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
10
www.yageo.com
IEC
60384-10/
CECC 32 100
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.11
Ta
solderability
zero hour test, and test after
storage (20 to 24 months) in
original packing in normal
atmosphere;
unmounted chips completely
immersed for 2
±0.5 s in a
solder bath at 235
±5 °C
the terminations shall be
well tinned
4.12
Na
rapid change of
temperature
preconditioning:
between minimum and
maximum temperature, 5 cycles
no visible damage
after 48 hours recovery:
∆°C/C: ≤ ±20%
4.14
Ca
damp heat,
steady state
initialization:
48
±4 hours after U
R at 40 °C
for 1 hour (for initial value
measurement);
500
±12 hours at 40 °C;
90 to 95% RH; UR applied
no visible damage
after 48 hours recovery:
∆°C/C: +30%/−40%
tan
δ: ≤15%
Rins: 500 MΩ or RiCR ≥ 100 s,
whichever is less
damp heat;
with UR load
initialization:
48 hours after UR at 40 °C;
for 1 hour (for initial value
measurement);
500
±12 hours at 40 °C;
90 to 95% RH; UR applied
preconditioning:
UR at 40 °C for 1 hour, after
48 hours recovery:
∆°C/C: +30%/−40%
tan
δ: ≤15%
Rins: 500 MΩ or RiCR ≥ 25 s,
whichever is less
4.15
endurance
initialization:
2
× U
R at 85 °C for 1 hour,
(initial value measurement after
48
±4 hours) ;
2
× U
R at 85 °C for 1000 hours
recovery 48
±4 hours at room
temperature
after 48 hours recovery:
∆°C/C: +30%/−40%
tan
δ: ≤15%
Rins: 1000 MΩ or RiCR ≥ 50 s,
whichever is less


Similar Part No. - 2254787598

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2254 ETC2-2254 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Alpha Wire
2254 ALPHAWIRE-2254 Datasheet
92Kb / 4P
   Customer Specification
1/2/2023
logo
Heyco.
2254 HEYCO-2254 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
Alpha Wire
2254/1 ALPHAWIRE-2254/1 Datasheet
120Kb / 4P
   Customer Specification
8/24/2022
2254/1 ALPHAWIRE-2254/1 Datasheet
97Kb / 4P
   Customer SpecificationS
11/28/2022
More results

Similar Description - 2254787598

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com