Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD-870F Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-870F
Description  HIGH-SPEED GaAlAs IR EMITTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-870F Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-870F Datasheet HTML 1Page - OptoDiode Corp OD-870F Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-SPEEDGaAlAsIREMITTERS
OD-870F
FEATURES
• High reliability LPE grown GaAlAs
• High power output
• Fast response
• Wide range of linear power output
• Custom packages available
• Custom spectral emission from 780-870nm available
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified. Window
caps are welded to the case.
Total Power Output, Po
Peak Emission Wavelength, P
Spectral Bandwidth at 50%,
Half Intensity Beam Angle,
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
IF = 100mA
IF = 50mA
IF = 100mA
IR = 10 A
VR = 0V
3.5
2
4.5
870
50
8
1.5
5
150
15
15
1.8
mW
nm
nm
Deg
Volts
Volts
pF
nsec
nsec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
TYP
MAX
UNITS
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10 s, 200Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
180mW
100mA
3A
2V
260°C
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
MIN
ANODE
(CASE)
.017
.100
CATHODE
.036
.041
45°
GLASS
DOME
1.00
MIN.
.030
.040
.197
.205
.015
.209
.220
.183
.186
.152
.154
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-55°C TO 100°C
100°C
400°C/W Typical
135°C/W Typical
THERMAL PARAMETERS
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads
2Air circulating at a rapid rate to keep case temperature at 25°C
RoHS


Similar Part No. - OD-870F

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-870-60-040 OPTODIODE-OD-870-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
OD-870-99-070 OPTODIODE-OD-870-99-070 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-870-99-110 OPTODIODE-OD-870-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-870L OPTODIODE-OD-870L Datasheet
372Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
OD-870W OPTODIODE-OD-870W Datasheet
372Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
More results

Similar Description - OD-870F

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-870L OPTODIODE-OD-870L Datasheet
372Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
OD-870W OPTODIODE-OD-870W Datasheet
372Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
OD-110LISOLHT OPTODIODE-OD-110LISOLHT Datasheet
242Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880W OPTODIODE-OD880W Datasheet
261Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT Datasheet
287Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880LHT OPTODIODE-OD880LHT Datasheet
261Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
logo
List of Unclassifed Man...
OD-880L ETC2-OD-880L Datasheet
94Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
logo
OptoDiode Corp
OD-880W OPTODIODE-OD-880W Datasheet
397Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-850F OPTODIODE-OD-850F_18 Datasheet
169Kb / 4P
   High-Power GaAlAs IR Emitters
OD-850WHT OPTODIODE-OD-850WHT_18 Datasheet
187Kb / 4P
   High Temperature GaAlAs IR Emitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com