Electronic Components Datasheet Search |
|
V436664Z24V Datasheet(PDF) 1 Page - Mosel Vitelic, Corp |
|
V436664Z24V Datasheet(HTML) 1 Page - Mosel Vitelic, Corp |
1 / 12 page MOSEL VITELIC 1 V436664Z24V 512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT PRELIMINARY V436664Z24V Rev. 1.2 February 2002 Features ■ JEDEC-standard 144 pin, Small-Outline, Dual in line Memory Module (SODIMM) ■ Serial Presence Detect with E2PROM ■ Nonbuffered ■ Fully Synchronous, All Signals Registered on Positive Edge of System Clock ■ Single +3.3V (± 0.3V) Power Supply ■ All Device Pins are LVTTL Compatible ■ 8192 Refresh Cycles every 64 ms ■ Self-Refresh Mode ■ Internal Pipelined Operation; Column Address can be changed every System Clock ■ Programmable Burst Lengths: 1, 2, 4, 8 ■ Auto Precharge and Piecharge all Banks by A10 ■ Data Mask Function by DQM ■ Mode Register Set Programming ■ Programmable (CAS Latency: 2, 3 Clocks) ■ SOC and WBGA component packaging Description The V436664Z24V memory module is organized 67,108,864 x 64 bits in a 144 pin SODIMM. The 64M x 64 memory module uses 16 Mosel-Vitelic 32M x 8 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required. Part Number Speed Grade Configuration V436664Z24VXXG-75PC -75PC, CL=2,3 (133 MHz) 64M x 64 V436664Z24VXXG-75 -75, CL=3 (133 MHz) 64M x 64 V436664Z24VXXG-10PC -10PC, CL=2 (100 MHz) 64M x 64 1 Pin 2 on Backside Pin 144 on Backside 59 61 143 32M x 8 32M x 8 32M x 8 32M x 8 |
Similar Part No. - V436664Z24V |
|
Similar Description - V436664Z24V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |