Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM620FT8FU-70L Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EM620FT8FU-70L
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM620FT8FU-70L Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EM620FT8FU-70L Datasheet HTML 3Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 4Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 5Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 6Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 7Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 8Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 9Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 10Page - List of Unclassifed Manufacturers EM620FT8FU-70L Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM681FV16AU Series
Low Power, 512Kx16 SRAM
9
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of data sheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled) 1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled) 1)
-
-
4
uA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0-
-
ns
Operation Recovery Time
tRDR
tRC
--
tSDR
tRDR
Data Retention Mode
CS > Vcc-0.2V
Vcc
2.7V
2.2V
VDR
CS
GND
DATA RETENTION WAVE FORM


Similar Part No. - EM620FT8FU-70L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM620FT8FU-70LL ETC2-EM620FT8FU-70LL Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM620FT8FU-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com