Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1320LI-45GT3 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT1320LI-45GT3
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1320LI-45GT3 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1320LI-45GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT1320LI-45GT3 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
CAT1640, CAT1641
Advance Information
Doc. No. MD-3012, Rev. B
Figure 9. Page Write Timing
*=Don’t Care Bit
Figure 8. Byte Write Timing
*=Don’t Care Bit
Page Write
The CAT1640/41 writes up to 64 bytes of data in a single
write cycle, using the Page Write operation. The page
write operation is initiated in the same manner as the byte
write operation, however instead of terminating after the
initial byte is transmitted, the Master is allowed to send up
to
additional 63 bytes. After each byte has been
transmitted, the CAT1640/41 will respond with an
acknowledge and internally increment the lower order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 64 bytes before sending
the STOP condition, the address counter ‘wraps around,’
and previously transmitted data will be overwritten.
When all 64 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT1640/41 in a single write cycle.
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
***
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
***


Similar Part No. - CAT1320LI-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320LI-45GT3 CATALYST-CAT1320LI-45GT3 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
More results

Similar Description - CAT1320LI-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com