Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1025ZD4I-45-T2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT1025ZD4I-45-T2
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1025ZD4I-45-T2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1025ZD4I-45-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1025ZD4I-45-T2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CAT1024, CAT1025
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3008 Rev. O
Characteristics subject to change without notice
DEVICE OPERATION
Reset Controller Description
The CAT1024/25 precision RESET controllers ensure
correct system operation during brownout and power
up/down conditions. They are configured with open
drain RESET outputs.
During power-up, the RESET outputs remain active
until VCC reaches the VTH threshold and will continue
driving the outputs for approximately 200ms (tPURST)
after reaching VTH. After the tPURST timeout interval, the
device will cease to drive the reset outputs. At this
point the reset outputs will be pulled up or down by
their respective pull up/down resistors.
During power-down, the RESET outputs will be active
when VCC falls below VTH. The RESET
¯¯¯¯¯¯ output will be
valid so long as VCC is >1.0V (VRVALID). The device is
designed to ignore the fast negative going VCC transi-
ent pulses (glitches).
Reset output timing is shown in Figure 1.
Manual Reset Operation
The RESET
¯¯¯¯¯¯ pin can operate as reset output and
manual reset input. The input is edge triggered; that
is, the RESET
¯¯¯¯¯¯ input will initiate a reset timeout after
detecting a high to low transition.
When RESET
¯¯¯¯¯¯ I/O is driven to the active state, the
200ms timer will begin to time the reset interval. If
external reset is shorter than 200ms, Reset outputs
will remain active at least 200ms.
The CAT1024/25 also have a separate manual reset
input. Driving the MR
¯¯¯ input low by connecting a
pushbutton (normally open) from MR
¯¯¯ pin to GND will
generate a reset condition. The input has an internal
pull up resistor.
Reset remains asserted while MR
¯¯¯ is low and for the
Reset Timeout period after MR
¯¯¯ input has gone high.
Glitches shorter than 100ns on MR
¯¯¯ input will not ge-
nerate a reset pulse. No external debouncing circuits
are required. Manual reset operation using MR
¯¯¯ input
is shown in Figure 2.
Hardware Data Protection
The CAT1024/25 supervisors have been designed to
solve many of the data corruption issues that have long
been associated with serial EEPROMs. Data corruption
occurs when incorrect data is stored in a memory
location which is assumed to hold correct data.
Whenever the device is in a Reset condition, the
embedded EEPROM is disabled for all operations,
including write operations. If the Reset output(s) are
active, in progress communications to the EEPROM
are aborted and no new communications are allowed.
In this condition an internal write cycle to the memory
can not be started, but an in progress internal non-
volatile memory write cycle can not be aborted. An
internal write cycle initiated before the Reset condition
can be successfully finished if there is enough time
(5ms) before VCC reaches the minimum value of 2V.
In addition, the CAT1025 includes a Write Protection
Input which when tied to VCC will disable any write
operations to the device.


Similar Part No. - CAT1025ZD4I-45-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1025ZD4I-45-GT2 CATALYST-CAT1025ZD4I-45-GT2 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1025ZD4I-45-GT3 CATALYST-CAT1025ZD4I-45-GT3 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
More results

Similar Description - CAT1025ZD4I-45-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024_07 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com