Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1321WI-45GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT1321WI-45GT3
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1321WI-45GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT1321WI-45GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1321WI-45GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
CAT1640, CAT1641
Advance Information
Doc. No. MD-3012, Rev. B
CAPACITANCE
TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Test Conditions
Max
Units
COUT(1)
Output Capacitance
VOUT = 0V
8
pF
CIN(1)
Input Capacitance
VIN = 0V
6
pF
A.C. CHARACTERISTICS
VCC = 3.0V to 5.5V and over the recommended temperature conditions, unless otherwise specified.
Notes:
1.
This parameter is characterized initially and after a design or process change that affects
the parameter. Not 100% tested.
2.
Test Conditions according to “AC Test Conditions” table.
3.
The write cycle time is the time from a valid stop condition of a write sequence to the end of
the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled,
SDA is allowed to remain high and the device does not respond to its slave address.
e
l
c
y
C
e
t
i
r
W
&
d
a
e
R
y
r
o
m
e
M
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
4z
H
k
t
P
S
e
k
i
p
S
r
e
t
li
F
t
u
p
n
I
)
L
C
S
,
A
D
S
(
n
o
i
s
s
e
r
p
p
u
S
0
0
1s
n
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C3
.
1s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C6
.
0s
µ
t
R
1
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S0
0
3s
n
t
F
1
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
3s
n
t
A
T
S
;
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
0s
µ
t
A
T
S
;
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
f
(
6
.
0s
µ
t
T
A
D
;
D
H
e
m
i
T
d
l
o
H
t
u
p
n
I
a
t
a
D0
s
n
t
T
A
D
;
U
S
e
m
i
T
p
u
t
e
S
t
u
p
n
I
a
t
a
D0
0
1s
n
t
O
T
S
;
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S6
.
0s
µ
t
A
A
d
il
a
V
t
u
O
a
t
a
D
o
t
w
o
L
L
C
S0
0
9s
n
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
5s
n
t
F
U
B
1
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
m
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
3
.
1s
µ
t
C
W
3
)
e
g
a
P
r
o
e
t
y
B
(
e
m
i
T
e
l
c
y
C
e
t
i
r
W5
s
m


Similar Part No. - CAT1321WI-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1321WI-45GT3 CATALYST-CAT1321WI-45GT3 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
More results

Similar Description - CAT1321WI-45GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com