Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT3200_07 Datasheet HTML 1Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT3200/3200-5
3
Doc No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Note 1: ROL = (2VIN - VOUT)/IOUT
Note 2: In the event of a controlled shutdown, the output will be isolated from the input, but will remain connected to the internal resistor
feedback network. This will cause a small level of reverse current to flow back into the device to ground.
ELECTRICAL SPECIFICATIONS
Recommended operating conditions unless otherwise specified. CIN, COUT, CFLY are 1
µF ceramic capacitors and VIN
is set to 3.6V.
ABSOLUTE MAXIMUM RATINGS
VIN, VOUT,
SHDN, CNEG, CPOS Voltage .. -0.6V to 6.0V
VOUT Short Circuit Duration ......................... Indefinite
Output Current ................................................ 200mA
ESD Protection (HBM) ..................................... 2000V
Junction Temperature ...................................... 150
°C
Storage Temperature Range ............. -65
°C to 160°C
Lead Soldering Temperature (10 sec) ............. 300
°C
Power Dissipation (SOT23-6) ............................ 0.3W
Power Dissipation (8-MSOP) ............................. 0.5W
RECOMMENDED OPERATING CONDITIONS
VIN ................................................................................... 2.7V to 4.5V
CIN, COUT, CFLY .......................................................................... 1
µF
ILOAD ................................................................................. 0 to 100mA
Ambient Temperature Range ................... -40
°C to 85°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Regulated Output
ILOAD
≤ 40mA, VIN ≥ 2.7 V
4.8
5.0
5.2
V
ILOAD
≤ 100mA, VIN ≥ 3.1 V
VLINE
Line Regulation
3.1V
≤ VIN ≤ 4.5V, ILOAD = 50mA
6
mV
VLOAD
Load Regulation
ILOAD = 10mA to 100mA, VIN = 3.6V
20
mV
FOSC
Switching Frequency
1.3
2.0
2.6
MHz
VR
Output Ripple
ILOAD = 100mA
30
mVp-p
Voltage
CAT3200-5 Only
η
Efficiency
ILOAD = 50mA, VIN = 3V, CAT3200-5
80
%
IGND
Ground Current
ILOAD = 0mA, SHDN = VIN
1.6
4
mA
ISHDN
Shutdown Input
ILOAD = 0mA, SHDN = 0V to VIN
1
µA
Current
VFB
FB Voltage
CAT3200 Only
1.22
1.27
1.32
V
IFB
FB Input Current
CAT3200 Only
-50
50
nA
ROL
Open-Loop
ILOAD = 100mA, VIN = 3V (Note 1)
10
Resistance
TON
VOUT Turn-on time
ILOAD = 0mA, VIN = 3V
0.5
ms
(10% to 90%)
VIHSHDN
High Detect
0.8
1.3
V
Shutdown Threshold
VILSHDN
Low Detect
0.4
V
Shutdown Threshold
IROUT
Reverse Leakage
VOUT = 5V, Shutdown mode (Note 2)
15
30
µA
into OUT pin
ISC
Short-circuit Output
VOUT = 0V
80
mA
TSD
Thermal Shutdown
160
°°°°°C
THYST
Thermal Hysteresis
20
°°°°°C


Similar Part No. - CAT3200_07

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200_05 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com