Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3200 Datasheet HTML 1Page - Catalyst Semiconductor CAT3200 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT3200/3200-5
5
Doc No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS (CAT3200-5)
T
AMB=25°C, CIN=COUT=CFLY=1µF, VIN=3.3V unless specified otherwise.
Soft Start Power Up (90mA Load, 3.3V Input)
Load Step Response (3.3V Input)
Output Ripple (100mA Load, 3.3V Input)
Short Circuit Current vs Supply Voltage
0
50
100
150
200
250
2.7
3.0
3.3
3.6
3.9
4.2
4.5
INPUT VOLTAGE [V]
Output Voltage Change vs. Temperature
-2
-1
0
1
2
-40
-20
0
20
40
60
80
100
TEMPERATURE [ C]
10mA Load
Oscillator Frequency Change vs. Temperature
-4
-2
0
2
4
-40
-20
0
2040
6080
100
TEMPERATURE [ C]


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Catalyst Semiconductor
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com