Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200-5 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3200-5
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200-5 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3200-5 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 9Page - Catalyst Semiconductor CAT3200-5 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT3200/3200-5
6
Doc. No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
resistor network (400k
Ω). The feedback network will
result in a reverse current of 10
µA to 20µA to flow back
through the device to ground.
Whenever the device is taken out of shutdown mode, the
output voltage will experience a slew rate controlled
power-up. Full operating voltage is typically achieved in
less than 0.5 msec.
GND is the ground reference for all voltages on CAT3200-
5 devices.
FB (CAT3200 Only) is the feedback input pin. An output
divider should be connected from OUT to FB to program
the output voltage.
PGND (CAT3200 Only). Is the same as GND for the
CAT3200-5 except for the internal reference connection
to SGND.
SGND (CAT3200 Only) Ground pin for the internal
reference. The CNEG connection is switched to this pin
during the normal charge pump operation.
PIN FUNCTIONS
IN is the power supply. During normal operation the
device draws a supply current which is almost constant.
A very brief interval of non-conduction will occur at the
switching frequency. The duration of the non-conduction
interval is set by the internal non-overlapping
“break-before-make” timing. IN should be bypassed
with a 1
µF to 4.7µF low ESR (Equivalent Series
Resistance) ceramic capacitor.
For filtering, a low ESR ceramic bypass capacitor (1
µF)
in close proximity to the IN pin prevents noise from being
injected back into the power supply.
SHDN
SHDN
SHDN
SHDN
SHDN is the logic control input (Active LOW) that places
the device into shutdown mode. The internal logic is
CMOS and the pin does not use an internal pull-down
resistor. The
SHDN
SHDN
SHDN
SHDN
SHDN pin should not be allowed to float.
CPOS, CNEG are the positive and negative connections
respectively for the charge pump flying capacitor. A low
ESR ceramic capacitor (1
µF) should be connected
between these pins. During initial power-up it may be
possible for the capacitor to experience a voltage reversal
and for this reason, avoid using a polarized (tantalum or
aluminum) flying capacitor.
OUT is the regulated output voltage to power the load.
During normal operation, the device will deliver a train of
current pulses to the pin at a frequency of 2MHz.
Adequate filtering on the pin can typically be achieved
through the use a low ESR ceramic bypass capacitor
(1
µF to 4.7µF) in close proximity to the OUT pin. The
ESR of the output capacitor will directly influence the
output ripple voltage.
When the shutdown mode is entered, the output is
immediately isolated from the input supply, however, the
output will remain connected to the internal feedback
CAT3200 Adjustable Output
CAT3200-5 5V Fixed Output
BLOCK DIAGRAM
+
EN
2MHz
Voltage
Doubler
1.25V
SGND
SHDN
IN
CNEG CPOS
2VIN
5V/100mA
OUT
PGND
FB
+
EN
2MHz
Voltage
Doubler
300k
100k
1.25V
GND
SHDN
IN
CNEG CPOS
2VIN
5V
100mA
OUT


Similar Part No. - CAT3200-5

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200-5 CATALYST-CAT3200-5 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200-5 CATALYST-CAT3200-5 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com