Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODA-5W-100K Datasheet(PDF) 2 Page - OptoDiode Corp

Part # ODA-5W-100K
Description  NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

ODA-5W-100K Datasheet(HTML) 2 Page - OptoDiode Corp

  ODA-5W-100K Datasheet HTML 1Page - OptoDiode Corp ODA-5W-100K Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
NIR/REDENHANCED5mm2PHOTODIODE-PREAMPLIFIER
ODA-5W-100K
70
60
50
40
30
20
10
0
TYPICAL SPECTRAL RESPONSE
WAVELENGTH (nm)
300
400
500
600
700
800
900
1000
1100


Similar Part No. - ODA-5W-100K

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODA-5W-100K OPTODIODE-ODA-5W-100K Datasheet
218Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5W-100K OPTODIODE-ODA-5W-100K Datasheet
263Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5W-100K OPTODIODE-ODA-5W-100K_13 Datasheet
218Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5W-100K OPTODIODE-ODA-5W-100K_15 Datasheet
263Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
More results

Similar Description - ODA-5W-100K

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODA-5W-100K OPTODIODE-ODA-5W-100K_15 Datasheet
263Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5W-100K OPTODIODE-ODA-5W-100K_13 Datasheet
218Kb / 2P
   NIR/RED ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-6W-500M OPTODIODE-ODA-6W-500M_15 Datasheet
299Kb / 2P
   NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
ODA-6W-500M OPTODIODE-ODA-6W-500M_13 Datasheet
201Kb / 2P
   NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
ODA-6W-100M OPTODIODE-ODA-6W-100M Datasheet
326Kb / 2P
   NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
ODA-6W-500M OPTODIODE-ODA-6W-500M Datasheet
327Kb / 2P
   NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
ODA-6W-100M OPTODIODE-ODA-6W-100M_15 Datasheet
299Kb / 2P
   NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5WB-100K OPTODIODE-ODA-5WB-100K Datasheet
429Kb / 2P
   BLUE/GREEN ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5WB-100K OPTODIODE-ODA-5WB-100K_15 Datasheet
300Kb / 2P
   BLUE/GREEN ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
ODA-5WB-100K OPTODIODE-ODA-5WB-100K_13 Datasheet
255Kb / 2P
   BLUE GREEN ENHANCED 5 mm2 PHOTODIODE-PREAMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com