Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04022F2Z7B20D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 04022F2Z7B20D
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

04022F2Z7B20D Datasheet(HTML) 5 Page - NXP Semiconductors

  04022F2Z7B20D Datasheet HTML 1Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 2Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 3Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 4Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 5Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 6Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 7Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 8Page - NXP Semiconductors 04022F2Z7B20D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
5
www.yageo.com
SELECTION CHART FOR 50 V
50 V
C
(nF)
LAST
TWO
DIGITS
OF
12NC
0603
0805
1206
10
05
15
06
22
07
33
08
0.8
±0.07
0.6
±0.1
47
09
68
11
100
12
150
13
0.85
±0.1
0.6
±0.1
220
14
330
15
1.25
±0.1
470
16
0.85
±0.1
680
17
1 000
18
1.15
±0.1
Note
1. Values in shaded cells indicate thickness class in mm.
Thickness classification and packing quantities
8 mm TAPE WIDTH QUANTITY PER REEL
QUANTITY PER BULK CASE
∅180 mm; 7"
∅330 mm; 13"
THICKNESS
CLASSIFICATION
(mm)
PAPER
BLISTER
PAPER
BLISTER
0402
0603
0805
0.5
±0.05
10 000
50 000
50 000
0.6
±0.10
4 000
20 000
10 000
0.8
±0.07
4 000
15 000
15 000
0.85
±0.10
4 000
15 000
15 000
8 000
1.15
±0.10
3 000
10 000
1.25
±0.10
3 000
1 000
5 000
1.5
±0.10
3 000


Similar Part No. - 04022F2Z7B20D

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
04022F104B4T2A KSS-04022F104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
04022F104B4T4A KSS-04022F104B4T4A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
04022F104B4U2A KSS-04022F104B4U2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
04022F104B4U4A KSS-04022F104B4U4A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
04022F104B4Z2A KSS-04022F104B4Z2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 04022F2Z7B20D

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com