Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2932 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
175 - 230 MHz Circuit Layout (Engineering Fixture)
175 -230 MHz Circuit Layout Component Part List
PCB
1/32” Woven Fiberglass 0.030 Cu, 2 sides, er = 4.8
T1
50 Ohm Flexible Coax Cable OD 0.06”, 3” Long. Ferrite Core NEOSIDE
T2 / T3
9:1 Transformer, 16.5 Ohm Flexible Coax Cable 0.1”, 3 Long
T4 / T5
4:1 Transformer, 25 Ohm Flexible Coax Cable OD 0.06”, 5” Long
C1
8.2 pF Ceramic Cap
C2 / C3
100 pF Chip Cap
C4
2 - 18 pF Chip Cap
C5
47 pF Ceramic Cap
C6 / C11
47 nF Ceramic Cap
C7
56 pF ATC Chip Cap
C8 / C9 / C13
470 pF ATC Chip Cap
C10
100 nF Ceramic Cap
C12
2x330 nF / 500 V Cap
C14
10 nF / 63 V Electrolityc Cap
R1 / R3
47 Ohm Resistor
R2
6.8K Ohm Chip Resistor
R4
4.7K Ohm MultiTurns Trim Resistor
R5
8.2K Ohm Resistor
R6
3.3K Ohm / 5 W Resistor
D1
6.8 V Zener Diode
L1
20 nH Inductor
L2
70 nH Inductor
L3
30 nH Inductor
L4
10 nH Inductor
L5
15 nH Inductor
SD2932
9/13


Similar Part No. - SD2932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2932 ETC1-SD2932 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2932 STMICROELECTRONICS-SD2932 Datasheet
553Kb / 12P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
707Kb / 22P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2932 STMICROELECTRONICS-SD2932_04 Datasheet
553Kb / 12P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932_10 Datasheet
707Kb / 22P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
More results

Similar Description - SD2932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com