Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFE6S9125NR1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRFE6S9125NR1
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6S9125NR1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRFE6S9125NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6S9125NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MRFE6S9125NR1 MRFE6S9125NBR1
3
RF Device Data
Freescale Semiconductor
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical GSM EDGE Performances (In Freescale GSM EDGE Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 700 mA,
Pout = 60 W Avg., 920-960 MHz, EDGE Modulation
Power Gain
Gps
20
dB
Drain Efficiency
ηD
40
%
Error Vector Magnitude
EVM
1.8
% rms
Spectral Regrowth at 400 kHz Offset
SR1
-63
dBc
Spectral Regrowth at 600 kHz Offset
SR2
-78
dBc
Typical CW Performances (In Freescale GSM Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 700 mA, Pout = 125 W, 920-960 MHz
Power Gain
Gps
19
dB
Drain Efficiency
ηD
62
%
Input Return Loss
IRL
-12
dB
Pout @ 1 dB Compression Point, CW
(f = 880 MHz)
P1dB
125
W
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 950 mA, 865-900 MHz Bandwidth
Video Bandwidth @ 125 W PEP Pout where IM3 = -30 dBc
(Tone Spacing from 100 kHz to VBW)
ΔIMD3 = IMD3 @ VBW frequency - IMD3 @ 100 kHz <1 dBc (both
sidebands)
VBW
10
MHz
Gain Flatness in 35 MHz Bandwidth @ Pout = 27 W Avg.
GF
0.93
dB
Gain Variation over Temperature
(-30°C to +85°C)
ΔG
0.011
dB/°C
Output Power Variation over Temperature
(-30°C to +85°C)
ΔP1dB
0.205
dBm/°C


Similar Part No. - MRFE6S9125NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3 Datasheet
417Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3 Datasheet
419Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3_08 Datasheet
419Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HSR3 FREESCALE-MRFE6S9130HSR3 Datasheet
417Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HSR3 FREESCALE-MRFE6S9130HSR3 Datasheet
419Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRFE6S9125NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com