Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSX2-AD-14-44.736 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CSX2-AD-14-44.736
Description  Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CSX2-AD-14-44.736 Datasheet(HTML) 1 Page - Crystek Corporation

  CSX2-AD-14-44.736 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021010 Rev.G
Specifications subject to change without notice.
3.5X6 mm Low Profile SMD Crystal
CSX2 Model
12MHz to 45MHz (fund)
±10ppm to ±50ppm
±10ppm to ±100ppm
-20°C to 70°C
-40°C to 85°C
5.0pF Max
50uW Typical, 300uW Max
±3ppm Max 1st/yr
see table 1
1K Tape and Reel
** Custom Designs Available
Frequency Range:
Calibration Tolerance:
Frequency Stability:
Temperature Range:
Storage:
Shunt Capacitance:
Drive Level:
Aging:
ESR:
Packaging:
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
CSX2-XX-XX-Freq
Example:
CSX2-AB-18-44.736 = ±10ppm at 25°C, ±25ppm -20 to 70°C, 18pF Load Cap, Fund, 44.736MHz
Frequency Tolerance
at 25°C
A ±10 ppm
B ±25 ppm
C ±50 ppm
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
±10 ppm
±25 ppm
±50 ppm
±100 ppm
A
B
C
D
Frequency Stability
over Temp Range
Load
Capacitance
S=
12=
14=
16=
18=
20=
22=
25=
32=
Series
12 pF
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
PIN
Signal
1
2
3
4
Crystal
GND
Crystal
GND
12.0 - 20.0 (F)
20.1 - 45.0 (F)
Resistance at series resonance
Freq. (MHz)
Max ESR
50
40
Table 1
Aging:
Designed to meet the precision
and space requirements needed
for wireless applications.
<3ppm 1st/yr Max
Quartz Crystal
0.189
(4.8)
0.094
(2.40)
0.055
(1.4)
0.071
(1.8)
Suggested Pad Layout
0.035
(0.9)
0.118±0.003
(3.0±0.10)
1
Bottom
View
0.100±0.005
(2.40±0.20)
2
3
4
0.055
(1.4)
0.236±0.008
(6.0±0.20)
0.137±0.008
(3.5±0.20)
CRYSTEK
20M DC
0.039±0.008
(1.0±0.20)
1
3
2
4
Top View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CSX2-AD-14-44.736

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CSX2-AD-14-19.680 CRYSTEKCRYSTAL-CSX2-AD-14-19.680 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
CSX2-AD-14-19.680 CRYSTEKCRYSTAL-CSX2-AD-14-19.680 Datasheet
136Kb / 1P
   Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
More results

Similar Description - CSX2-AD-14-44.736

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CSX1 CRYSTEKCRYSTAL-CSX1 Datasheet
119Kb / 1P
   Quartz Crystal 5X7 mm Low Profile SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0163A TAI-SAW-TZ0163A Datasheet
212Kb / 5P
   SMD 3.5x6 16.0MHz Crystal Unit
REV. NO.: 1
logo
Crystek Corporation
CSX4 CRYSTEKCRYSTAL-CSX4 Datasheet
136Kb / 1P
   Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0157A TAI-SAW-TZ0157A Datasheet
212Kb / 5P
   SMD 3.5x6 13.0MHz Crystal Unit
REV. NO.: 1
TZ0198A TAI-SAW-TZ0198A Datasheet
217Kb / 5P
   SMD 3.5x6 32.0MHz Crystal Unit
REV. NO.: 1
TZ0151A TAI-SAW-TZ0151A Datasheet
214Kb / 5P
   SMD 3.5x6 20.945MHz Crystal Resonator
REV. NO.: 2
TZ0129A TAI-SAW-TZ0129A Datasheet
220Kb / 5P
   SMD 3.5x6 24.5535MHz Crystal Unit
REV. NO.: 2
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0152A TAI-SAW-TZ0152A Datasheet
214Kb / 5P
   SMD 3.5x6 12.654297MHz Crystal Resonator
REV. NO.: 2
TZ0153A TAI-SAW-TZ0153A Datasheet
205Kb / 5P
   SMD 3.5x6 28.4225MHz Crystal Resonator
REV. NO.: 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com