Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN09016 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN09016
Description  90MHz SAW Filter 13MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09016 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN09016 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09016 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09016 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09016
Rev. Date
2006-4-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz SAW Filter
13MHz Bandwidth
Part Number: LBN09016
Typical Performance
Frequency Respond
Passband Respond
70
75
80
85
90
95
100
105
110
-106.9837
-96.9837
-86.9837
-76.9837
-66.9837
-56.9837
-46.9837
-36.9837
-26.9837
80
82
84
86
88
90
92
94
96
98
100
-31
-30
-29
-28
-27
-26
-25
-24
-23
-22
Group Delay Variation(f0±6MHz)
Phase Linearity(f0±6MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBN09016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09016 SIPAT-LBN09016 Datasheet
144Kb / 3P
   90MHz SAW Filter
More results

Similar Description - LBN09016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09033 SIPAT-LBN09033 Datasheet
177Kb / 3P
   90MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
143Kb / 3P
   160MHz SAW Filter 13MHz Bandwidth
LBN70A63 SIPAT-LBN70A63 Datasheet
151Kb / 3P
   70MHz SAW Filter 13MHz Bandwidth
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter 13MHz Bandwidth
LBT11549 SIPAT-LBT11549 Datasheet
139Kb / 3P
   115MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
138Kb / 3P
   160MHz SAW Filter 13MHz Bandwidth
LBT11549 SIPAT-LBT11549 Datasheet
145Kb / 3P
   115MHz SAW Filter 13MHz Bandwidth
LBT90501 SIPAT-LBT90501 Datasheet
191Kb / 3P
   904.6MHz SAW Filter 13MHz Bandwidth
LBN70A34 SIPAT-LBN70A34 Datasheet
141Kb / 3P
   70MHz SAW Filter 13MHz Bandwidth
LBT09031 SIPAT-LBT09031 Datasheet
141Kb / 3P
   90MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com