Electronic Components Datasheet Search |
|
04022F105M9BB0D Datasheet(PDF) 6 Page - NXP Semiconductors |
|
04022F105M9BB0D Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 11 page Phycomp Product specification Surface-mount ceramic multilayer capacitors Class 2, Y5V 16/25/50 V 2003 Jul 08 Rev.7 6 www.yageo.com handbook, full pagewidth 2 2 X X X X X X 9 X X X Carrier type 22 38 54 blister paper bulk Rated voltage - Termination 78 91 58 16 V; NiSn 25 V; NiSn 50 V; NiSn Size 7 6 0 1 2 0402 0603 0805 1206 1210 Capacitance value(1) Tolerance 7 8 ±20% −20/+80% Packaging(2) 1 5 4 reel: ∅180 mm; 7" reel: ∅330 mm; 13" bulk case CCA620_a (1) Refer to chapters “Selection chart for 16 V and 25 V” and “Selection chart for 50 V”. (2) Quantity on reel depends on thickness classification, see section “Thickness classification and packing quantities”. ORDERING INFORMATION Components may be ordered by using either a Phycomp’s unique 12NC or simple 15-digit clear text code. Ordering code 12NC (preferred) Phycomp Clear text code EXAMPLE: 12062F105M8BB0D Size Code Temp. Char. Capacitance Tol. Vol. Termination Packing Marking Series 0402 0603 0805 1206 1210 2F = Y5V 105 = 1000000 pF; the third digit signifies the multiplying factor: 2 = × 100 3 = × 1000 4 = × 10 000 5 = × 100 000 6 = × 1 000 000 M = ±20% Z = −20% /+80% 7 = 16 V 8 = 25 V 9 = 50 V B = NiSn 2 = 180 mm; 7" paper 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case 0 = no marking D = BME |
Similar Part No. - 04022F105M9BB0D |
|
Similar Description - 04022F105M9BB0D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |