Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN11530 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11530
Description  115MHz SAW Filter 14.4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11530 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11530 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11530 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11530 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LBN11530
Rev. Date
2005-1-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
14.4MHz Bandwidth
Part Number: LBN11530
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.9
115
115.1
Insertion Loss
dB
-
24.8
26.3
1 dB Bandwidth
MHz
14.1
14.15
3 dB Bandwidth
MHz
14.5
-
40 dB Bandwidth
MHz
-
15.5
15.6
Group delay
Variation(f0±7.05MHz)
nsec
-
100
-
Passband Variation
dB
-
0.8
1
Ultimate Rejection
dB
50
55
-
Absolute delay
usec
-
2.8
4
Subatrate Material
YZ LiNbO3
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=22nH
L2=33nH
C1=15pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1


Similar Part No. - LBN11530

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11530 SIPAT-LBN11530 Datasheet
144Kb / 3P
   115MHz SAW Filter 14.4MHz Bandwidth
More results

Similar Description - LBN11530

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11530 SIPAT-LBN11530 Datasheet
144Kb / 3P
   115MHz SAW Filter 14.4MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
135Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LBN16507 SIPAT-LBN16507 Datasheet
312Kb / 3P
   165MHz SAW Filter 14.4MHz Bandwidth
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
   115MHz SAW Filter 4MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
LBN11547 SIPAT-LBN11547_09 Datasheet
148Kb / 3P
   115MHz SAW Filter 24MHz Bandwidth
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
   115MHz SAW Filter 26MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
   115MHz SAW Filter 12MHz Bandwidth
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
   115MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com