Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4600
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4600 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4600 Datasheet HTML 1Page - STMicroelectronics SD4600 Datasheet HTML 2Page - STMicroelectronics SD4600 Datasheet HTML 3Page - STMicroelectronics SD4600 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY DATA
CELLULAR BASE STATION APPLICATIONS
RF & MICROWAVE TRANSISTORS
.438 x .450 2LFL (M173)
epoxy sealed
.
GOLD METALLIZATION
.
860-960 MHz
.
26 VOLTS
.
EFFICIENCY 50% MIN.
.
POUT
= 60 W MIN. WITH 7.5 dB GAIN
DESCRIPTION
The SD4600 is designed for 960MHz mobile base
stations in both analog and digital applications.
Including double input and output matching net-
works, the SD4600 features high impedances
allowing operation over the full 860 to 960 MHz
bandwidth.
PIN CONNECTION
BRANDING
SD4600
ORDER CODE
SD4600
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
28
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
8
A
PDISS
Power Dissipation
146
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.2
°C/W
*Applies only to rated RF amplifier operation
SD4600
1. Collector
3. Emitter
2. Base
THERMAL DATA
November 1992
1/4


Similar Part No. - SD4600

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
   400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
List of Unclassifed Man...
SD4661 ETC2-SD4661 Datasheet
77Kb / 3P
   The small footprint of MicroSD memory makes it ideal for use in mobile phones
More results

Similar Description - SD4600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
   RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
   RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
2SD1391 STMICROELECTRONICS-2SD1391 Datasheet
56Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
SD1423 STMICROELECTRONICS-SD1423 Datasheet
54Kb / 4P
   RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
Advanced Power Technolo...
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
STMicroelectronics
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com