Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM640FT8GU-45S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM640FT8GU-45S
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM640FT8GU-45S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM640FT8GU-45S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM640FT8GU-45S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM681FV16AU Series
Low Power, 512Kx16 SRAM
1
Document Title
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Revision History2.1
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
Oct. 26, 2006
Preliminary
0.1
0.1 Revision
Production code change from
EM681FV16U-45LL to
EM681FV16U-45LF
Jan. 18, 2007
0.2
0.2 Revision
Production code change from
EM681FV16U-45LF to
EM681FV16AU-45LF
April. 10, 2007
0.3
0.3 Revision
Product code table update
June 15, 2007
0.4
0.4 Revision
Fix typo error
Nov. 12, 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea
Zip Code : 690-719
Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 /
Homepage : www.emlsi.com
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM640FT8GU-45S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM640FT8AS-45L ETC2-EM640FT8AS-45L Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FT8AS-45S ETC2-EM640FT8AS-45S Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FT8AS-55L ETC2-EM640FT8AS-55L Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FT8AS-55S ETC2-EM640FT8AS-55S Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FT8AT-45L ETC2-EM640FT8AT-45L Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM640FT8GU-45S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com