Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR045E561DAT Datasheet(PDF) 6 Page - AVX Corporation

Part # MR045E561DAT
Description  Radial Leads/Ceralam
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MR045E561DAT Datasheet(HTML) 6 Page - AVX Corporation

  MR045E561DAT Datasheet HTML 1Page - AVX Corporation MR045E561DAT Datasheet HTML 2Page - AVX Corporation MR045E561DAT Datasheet HTML 3Page - AVX Corporation MR045E561DAT Datasheet HTML 4Page - AVX Corporation MR045E561DAT Datasheet HTML 5Page - AVX Corporation MR045E561DAT Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
25
Radial Leads/Packaging
REEL DIRECTION
Leads on top of
carrier strip,
body away
Unreel from
LEFT to RIGHT
OVER TOP of reel
QUANTITY PER REE
L
PART
PCS
SR15, 07, 12
3500
SR20, 21, 23, 28
13, 29, 59, 62, 89
3000
SR30, 32, 40, 63, 64
65, 75
2000
MR05, 06
2500
G
A
D
F
E
C
B
DESCRIPTION
A – Reel Diameter
B – Reel Outside Width
C – Reel Inside Width
D – Core Diameter (O.D.)
E – Hub Recess Diameter
F – Hub Recess Depth
G – Arbor Hole Diameter
DIMENSIONS (MM)
304.80 - 355
50.80 maximum
38.10 - 46.02
102.01 maximum
86.36 maximum
9.50 minimum
25.40 - 30.48
CONVERSION TABLE
MM
IN
MM
IN
MM
IN
MM
IN
MM
IN
.10
.20
.38
.41
.51
.71
.79
.99
1.02
1.42
.004
.007
.015
.016
.020
.028
.031
.039
.040
.056
1.52
2.00
2.54
3.00
3.18
3.48
3.81
3.99
4.45
4.98
.060
.079
.100
.118
.125
.137
.150
.157
.175
.196
5.00
5.08
6.22
6.35
6.60
6.99
7.62
8.89
9.02
9.50
.197
.200
.245
.250
.260
.275
.300
.350
.355
.374
9.91
10.03
10.16
11.68
12.50
12.70
16.00
18.01
25.40
30.48
.390
.395
.400
.460
.492
.500
.630
.709
1.000
1.200
32.00
38.10
46.02
50.80
86.36
88.90
102.01
254.00
304.80
355.00
1.260
1.500
1.812
2.000
3.400
3.500
4.016
10.000
12.000
14.000


Similar Part No. - MR045E561DAT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MR04W472-FBL WALSIN-MR04W472-FBL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FDL WALSIN-MR04W472-FDL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FGL WALSIN-MR04W472-FGL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FQL WALSIN-MR04W472-FQL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FTL WALSIN-MR04W472-FTL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
More results

Similar Description - MR045E561DAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
logo
AVX Corporation
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com