Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3511 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA3511
Description  6-18GHz Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3511 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA3511 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6-18GHz Digital Variable Amplifier
CHA3511
Ref. : DSCHA35116286 - 13 Oct 06
7/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Linear Gain & Output Power for 1 dB compression
Versus frequency
Test fixture measurement
Gain and Output power
Versus input power & Frequency
Test fixture measurement
Consumption versus Input power & frequency
Test fixture measurement
14
16
18
20
22
24
26
6
8
10
12
14
16
18
Frequency (GHz)
Tamb=+25°C
(configuration Gain)
8
10
12
14
16
18
20
22
24
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input power (dBm)
6GHz
12GHz
18GHz
Pout-1dB (dBm)
Linear Gain(dB)


Similar Part No. - CHA3511

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
More results

Similar Description - CHA3511

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517_09 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
logo
Transcom, Inc.
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
   6-18GHz 1W Balanced Amplifier Module
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com