Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1117AG-18 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE1117AG-18
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117AG-18 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE1117AG-18 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117AG-18 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APE1117A
Advanced Power Electronics Corp.
www.a-power.com.tw
6
MARKING INFORMATION
(1) SOT
-223-3L
X XX XXX
1 1 1 7A
Output Type:
1117
A: Adjustable
117
A-15: 1.5V
117
A-18: 1.8V
117
A-19: 1.9V
117
A-25: 2.5V
117
A-33: 3.3V
117
A-50: 5.0V
Year:
(Top view)
"2" = 2002
"1" = 2001
Xth Week: 01~52
Sequence:
001~
(2) TO
-252-3L
117A- 33
Output Type:
1117
A: Adjustable
117
A-15: 1.5V
117
A-18: 1.8V
117
A-19: 1.9V
117
A-25: 2.5V
117
A-33: 3.3V
117
A-50: 5.0V
Logo
Xth Week: 01~52
Year:
(Top view)
"2" = 2002
"1" = 2001
X XX XXX
Sequence:
001~
(
3) SOT-89-3L
1
3
2
Date Code
Year:
1”=2001
2”=2002
Xth week:
01~52
Sequence:
0~9, A~
Identification Code
( See the table )
XX
XX
X XX X
Identification
code
Output version
17AA
APE1117
A-ADJ
17AB
APE1117
A-1.5V
17AC
APE1117
A-1.8V
17AG
APE1117
A-1.9V
17AD
APE1117
A-2.5V
17AE
APE1117
A-3.3V
17AF
APE1117
A-5.0V
Advanced Power
Electronics Corp.


Similar Part No. - APE1117AG-18

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1117 A-POWER-APE1117 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G A-POWER-APE1117G Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G15 A-POWER-APE1117G15 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G18 A-POWER-APE1117G18 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G19 A-POWER-APE1117G19 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - APE1117AG-18

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com