Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1117AK-19 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE1117AK-19
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117AK-19 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE1117AK-19 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117AK-19 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APE1117A
Advanced Power Electronics Corp.
www.a-power.com.tw
3
PIN DESCRIPTIONS
NAME
I/O
PIN #
FUNCTION
Adj (GND)
I
1
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
The output of the regulator. A minimum of 1uF capacitor
must be
connected from this pin to ground to insure
stability.
Vin
I
3
The input pin of regulator.
A minimum of 1uF capacitor is connected
from this pin to ground to
insure that the input voltage does not
sag below the minimum
dropout voltage during the load transient
response. This pin must
always be 1.4V higher than Vout in order
for the device to
regulate properly.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 1
6
V
PD
Power Dissipation
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Advanced Power
Electronics Corp.
SOT-89
SOT-223
TO-252
850
mW
330
1050


Similar Part No. - APE1117AK-19

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1117 A-POWER-APE1117 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G A-POWER-APE1117G Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G15 A-POWER-APE1117G15 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G18 A-POWER-APE1117G18 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117G19 A-POWER-APE1117G19 Datasheet
1Mb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - APE1117AK-19

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com