Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3666 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3666
Description  6-17GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3666 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-17GHz Low Noise Amplifier
CHA3666
Ref. : DSCHA3666-8108 - 17 Apr 08
3/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters (On wafer Sij measurements)
Bias Conditions :
Vd1=Vd2= +4V Pads: P1, N2 = GND.
Freq
dBS11
PhS11
dBS12
PhS12
dBS21
PhS21
dBS22
PhS22
GHZ
dB
°
dB
°
dB
°
dB
°
0,5
-0,12
-12,41
-58,07
-75,30
-55,39
74,95
-0,16
-11,79
1,0
-0,15
-25,18
-66,93
158,40
-59,74
86,43
-0,19
-23,89
1,5
-0,21
-38,83
-68,19
-42,37
-55,53
-2,66
-0,26
-37,09
2,0
-0,31
-54,17
-70,23
132,40
-28,46
25,79
-0,62
-51,84
2,5
-0,53
-72,61
-66,09
-174,80
-11,74
2,26
-1,03
-68,34
3,0
-0,99
-96,30
-58,45
112,50
1,55
-54,65
-2,92
-84,65
3,5
-2,07
-129,20
-57,93
51,75
9,78
-105,90
-5,03
-92,78
4,0
-4,44
179,00
-53,52
-50,92
15,92
-157,20
-7,10
-98,70
4,5
-8,15
104,20
-48,40
-119,10
19,62
149,90
-8,51
-98,52
5,0
-9,23
35,18
-45,69
-159,90
21,13
103,90
-9,15
-100,90
5,5
-9,21
-2,42
-43,80
169,70
21,84
65,87
-9,80
-104,20
6,0
-9,07
-20,75
-42,66
145,70
22,14
34,89
-10,53
-107,90
6,5
-8,93
-30,17
-40,68
125,10
22,22
6,85
-10,91
-113,20
7,0
-8,37
-38,97
-40,46
107,20
22,22
-17,33
-11,49
-119,50
7,5
-7,99
-47,52
-39,16
88,92
22,19
-39,18
-11,76
-128,70
8,0
-7,87
-56,29
-38,17
75,16
22,23
-59,70
-12,47
-141,30
8,5
-7,75
-63,59
-38,58
62,12
22,19
-79,40
-13,87
-154,90
9,0
-7,54
-71,38
-37,51
42,64
22,08
-97,96
-15,57
-168,10
9,5
-7,50
-79,76
-37,26
36,06
22,03
-115,30
-17,57
176,80
10,0
-7,55
-88,86
-36,90
26,77
21,97
-132,00
-20,19
157,60
10,5
-7,77
-97,01
-36,76
12,22
21,93
-148,40
-23,18
132,40
11,0
-8,11
-105,90
-36,05
-1,08
21,90
-164,10
-25,38
96,42
11,5
-8,53
-114,50
-35,65
-13,41
21,88
-179,90
-26,39
54,20
12,0
-8,98
-122,60
-35,55
-24,05
21,86
164,70
-24,69
16,73
12,5
-9,62
-130,10
-35,31
-35,87
21,82
149,40
-22,43
-8,28
13,0
-10,22
-135,40
-35,13
-50,20
21,75
134,30
-20,23
-25,56
13,5
-10,60
-143,40
-35,13
-60,43
21,72
119,10
-19,67
-36,11
14,0
-11,07
-153,70
-34,80
-76,43
21,74
104,00
-19,22
-45,27
14,5
-11,34
-160,80
-34,90
-81,33
21,73
88,96
-18,20
-51,93
15,0
-11,28
-175,20
-36,47
-95,20
21,84
73,08
-17,69
-63,45
15,5
-11,14
164,00
-36,88
-112,40
21,64
55,53
-18,61
-77,33
16,0
-11,46
146,10
-37,33
-119,70
21,52
41,16
-17,96
-72,90
16,5
-10,91
125,00
-38,29
-129,70
21,68
24,37
-16,63
-75,48
17,0
-10,01
100,10
-38,86
-155,40
21,60
5,25
-14,95
-83,86
17,5
-9,02
72,69
-41,04
-161,40
21,15
-14,81
-13,51
-102,40
18,0
-8,00
45,92
-42,41
-173,60
20,44
-35,47
-12,40
-120,70
18,5
-7,75
21,28
-45,21
-161,70
19,26
-51,39
-13,47
-130,90
19,0
-7,02
0,74
-47,61
-177,80
18,39
-69,18
-11,57
-142,30
19,5
-6,59
-18,52
-50,99
-127,80
17,14
-86,07
-10,58
-160,60
20,0
-6,38
-35,21
-45,57
-104,20
15,75
-101,50
-9,99
-176,80


Similar Part No. - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
More results

Similar Description - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com