Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3666 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3666
Description  6-17GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3666 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA3666
RoHS COMPLIANT
Ref. : DSCHA3666-8108 - 17 Apr 08
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
6-17GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA3666 is a two-stage self biased
wide band monolithic low noise amplifier.
The circuit is manufactured with a standard
pHEMT process: 0.25µm gate length, via
holes through the substrate, air bridges and
electron beam gate lithography.
Main Features
■ Broadband performance 6-17GHz
■ 1.8dB noise figure
■ 26dBm 3
rd order intercept point
■ 17dBm power at 1dB compression
■ 21dB gain
■ Low DC power consumption
VD1
VD2
RFin
RFout
P1
P2
N2
UMS
VD1
VD2
RFin
RFout
P1
P2
N2
UMS
Main Characteristics
Temp = +25°C, Vd1=Vd2= +4V Pads: P1, N2=GND
Symbol
Parameter
Min
Typ
Max
Unit
NF
Noise figure
1.8
2
dB
G
Gain
19
21
dB
IP3
3rd order intercept point
26
dBm
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!
0,0
2,0
4,0
6,0
8,0
10,0
12,0
14,0
16,0
18,0
20,0
22,0
24,0
4,00
6,00
8,00
10,00
12,00
14,00
16,00
18,00
Gain
NF


Similar Part No. - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
More results

Similar Description - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com