Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3666-QAG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA3666-QAG
Description  5.8-17GHz Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666-QAG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA3666-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 10Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 11Page - United Monolithic Semiconductors CHA3666-QAG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHA3666-QAG
5.8-17GHz Low Noise Amplifier
Ref. DSCHA3666-QAG8108 - 17 Apr 08
10/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Definition of the Sij reference planes
The reference planes are defined from the
footprint
of
the
recommended
characterization board shown below under
the number 96272.
The reference is the symmetrical axis of
the
package.
The
input
and
output
reference planes are located at 2.65mm
offset
(input
wise
and
output
wise
respectively) from this axis. Then, the
given Sij incorporates this land pattern.
2.65
2.65
SMD mounting procedure
The SMD leadless package has been designed for high volume surface mount PCB
assembly process. The dimensions and footprint required for the PCB (motherboard) are
given in the drawings above.
For the mounting process standard techniques involving solder paste and a suitable reflow
process can be used. For further details, see application note AN0017.


Similar Part No. - CHA3666-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
More results

Similar Description - CHA3666-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com